Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

232B Datasheet (PDF) - Protek Devices

232B Datasheet PDF - Protek Devices
Part # 232B
Download  232B Download
File Size   126.04 Kbytes
Page   3 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description INDUSTRIAL COMPUTER DATA LINE PROTECTOR

232B Datasheet (PDF)

Go To PDF Page Download Datasheet
232B Datasheet PDF - Protek Devices

Part # 232B
Download  232B Click to download

File Size   126.04 Kbytes
Page   3 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description INDUSTRIAL COMPUTER DATA LINE PROTECTOR

232B Datasheet (HTML) - Protek Devices


232B Product details

DESCRIPTION
The 232B/E is a two stage transient voltage protector that provides primary and secondary protecton against lightning, inductve switching and electrostatc discharge (ESD) transient threats. The frst stage diverts the transient current through the ground terminal return path and the second stage clamps the voltage to a safe level without interruption of service.
The 232B/E is designed to protect two line pairs or 4 data lines from common-mode lightning or switching transients. the datalines are isolated to prevent near to far end cross talk problems. This product can also be used on data and transmission lines, security tming and control interface circuits.

FEATURES
• Compatble with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatble with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatble with IEC 61000-4-5 (Surge): 95A, 8/20µs, Level 4 (Line
   Gnd) & 48A, Level 4 (Line-Line)
• 4 Wire Line-Ground Protecton
• Designed for EIA Standard RS-232 Data Lines
• Permanent Two Stage, 2 Line Pair or 4 Line Protector
• Subnanosecond Response Time
• Automatc Reset - Does Not Interrupt Service
• Effectve Against Lightning, Inductve Switching and ESD

APPLICATIONS
• RS-232 Transmission Lines
• Category 3 Systems
• Control & Monitoring Systems
• Analog Signal Transmissions
• Telemetry Outstatons




Similar Part No. - 232B

ManufacturerPart #DatasheetDescription
logo
Protek Devices
232B PROTEC-232B Datasheet
437Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
logo
Advantech Co., Ltd.
232BRC ADVANTECH-232BRC Datasheet
295Kb / 1P
Baud Rate Converter
logo
Protek Devices
232B PROTEC-232B_10 Datasheet
437Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
232B PROTEC-232B_12 Datasheet
439Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
More results


Similar Description - 232B

ManufacturerPart #DatasheetDescription
logo
Protek Devices
422ELC PROTEC-422ELC Datasheet
113Kb / 3P
DIGITAL PROCESS DATA LINE PROTECTOR
485ELC PROTEC-485ELC Datasheet
114Kb / 3P
HIGH SPEED ETHERNET DATA LINE PROTECTOR
232B PROTEC-232B_10 Datasheet
437Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
422B PROTEC-422B Datasheet
439Kb / 5P
DATA PROCESS LINE PROTECTOR
422ELC PROTEC-422ELC_10 Datasheet
421Kb / 5P
DIGITAL PROCESS DATA LINE PROTECTOR
485ELC PROTEC-485ELC_10 Datasheet
422Kb / 5P
HIGH SPEED ETHERNET DATA LINE PROTECTOR
232B PROTEC-232B_12 Datasheet
439Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
422B PROTEC-422B_12 Datasheet
440Kb / 5P
DATA PROCESS LINE PROTECTOR
422ELC PROTEC-422ELC_12 Datasheet
422Kb / 5P
DIGITAL PROCESS DATA LINE PROTECTOR
485ELC PROTEC-485ELC_12 Datasheet
424Kb / 5P
HIGH SPEED ETHERNET DATA LINE PROTECTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com