Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

422B Datasheet (PDF) - Protek Devices

422B Datasheet PDF - Protek Devices
Part # 422B
Download  422B Download
File Size   439.37 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description DATA PROCESS LINE PROTECTOR

422B Datasheet (PDF)

Go To PDF Page Download Datasheet
422B Datasheet PDF - Protek Devices

Part # 422B
Download  422B Click to download

File Size   439.37 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description DATA PROCESS LINE PROTECTOR

422B Datasheet (HTML) - Protek Devices


422B Product details

DESCRIPTION
The 422B/E is a two stage transient voltage protector that provides primary and secondary protecton against lightning, inductve switching and electrostatc discharge (ESD) transient threats. The frst stage diverts the transient current through the ground terminal return path and the second stage clamps the voltage to a safe level without interrupton of service.
The 422B/E is designed to protect data lines from differental (line to line) and common mode (line to ground) transients. Terminals 1 and 2, 3 and 4 for the 422E and pins 2 and 3, 4 and 5 for the 422B are designated as line pairs. Each line pair is referenced to ground. A transient voltage suppressor is connected across each line pair for differental mode protecton.
This product can also be used on telephone, signal/data lines, security, tming and control interface circuits. For most applicatons, the product should be located as close as possible to the equipment being protected. A low impedance grounding system is important to maintain a low voltage clamp between the line-to-ground connecton.

FEATuRES
• Compatble with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatble with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatble with IEC 61000-4-5 (Surge): 95A, 8/20µs, Level 4 (Line
   Gnd) & 48A, Level 4 (Line-Line)
• Designed for EIA Standard RS-422 Data Lines
• Automatc Reset - Does Not Interrupt Service
• Permanent Two Stage Line Pair Protecton
• Common Mode & Differental Mode Protecton
• Subnanosecond Response Time
• Effectve Against Lightning, Inductve Switching and ESD

APPLICATIONS
• Data Processing Equipment
• Long Line Transmission Systems
• Control Processing Computers
• Building Management Systems




Similar Part No. - 422B

ManufacturerPart #DatasheetDescription
logo
Protek Devices
422B PROTEC-422B_12 Datasheet
440Kb / 5P
DATA PROCESS LINE PROTECTOR
More results


Similar Description - 422B

ManufacturerPart #DatasheetDescription
logo
Protek Devices
232B PROTEC-232B Datasheet
126Kb / 3P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
422ELC PROTEC-422ELC Datasheet
113Kb / 3P
DIGITAL PROCESS DATA LINE PROTECTOR
485ELC PROTEC-485ELC Datasheet
114Kb / 3P
HIGH SPEED ETHERNET DATA LINE PROTECTOR
232B PROTEC-232B_10 Datasheet
437Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
422ELC PROTEC-422ELC_10 Datasheet
421Kb / 5P
DIGITAL PROCESS DATA LINE PROTECTOR
485ELC PROTEC-485ELC_10 Datasheet
422Kb / 5P
HIGH SPEED ETHERNET DATA LINE PROTECTOR
232B PROTEC-232B_12 Datasheet
439Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
422B PROTEC-422B_12 Datasheet
440Kb / 5P
DATA PROCESS LINE PROTECTOR
422ELC PROTEC-422ELC_12 Datasheet
422Kb / 5P
DIGITAL PROCESS DATA LINE PROTECTOR
485ELC PROTEC-485ELC_12 Datasheet
424Kb / 5P
HIGH SPEED ETHERNET DATA LINE PROTECTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com