Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

587B051 Datasheet (PDF) - Protek Devices

587B051 Datasheet PDF - Protek Devices
Part # 587B051
Download  587B051 Download
File Size   97.3 Kbytes
Page   3 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description 120V AC POWER LINE SURGE SUPPRESSOR

587B051 Datasheet (PDF)

Go To PDF Page Download Datasheet
587B051 Datasheet PDF - Protek Devices

Part # 587B051
Download  587B051 Click to download

File Size   97.3 Kbytes
Page   3 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description 120V AC POWER LINE SURGE SUPPRESSOR

587B051 Datasheet (HTML) - Protek Devices


587B051 Product details

DESCRIPTION
The 587B Series of 120 Volt AC Surge Suppressors is designed for use by the OEM, equipment installer and or maintenance contractor. These modules employ a three stage technology proven to be the most cost effectve and reliable method in protectng sensitve electronic equipment from over voltage transients. This series is designed to protect AC powered equipment from the 6,000 volt peak open circuit voltage and 3,000 Amp short circuit current as defned in ANSI/IEEE C62.41, Category C1.
The 587B Series offers a high degree of protecton against 120 VAC EMI line noise. It is ideal for protectng 400 Volt components because the solid state TVS technology assures that the line-to-neutral voltage will not exceed 400 Volts. While the modules are designed for transient voltage protecton, the advanced circuitry will also atenuate the amplitude and slow the rate of rise of high frequency noise actng as an EMI flter. The 587B Series includes differental mode protecton, which is effectve in reducing interference from line to equipment and are effectve in reducing equipment generated noise to meet FCC, VDE and CSA interference requirements.

FEATURES
• Compatble with IEC 61000-4-5 (Surge): 1kA, 8/20µs, Level 4 (Line Gnd) & 333A, Level 4 (Line-Line)
• Meets ANSI/IEEE C62.41 Requirements
• Listed to CSA, File LR65240
• Differental and Common Mode Protecton
• Low Clamping Voltage
• Nanosecond Response Time
• Long Life and Maintenance Free

APPLICATIONS
• Hard Wired Equipment AC Power Protecton
• Load Side Distributon Systems
• Secondary Protecton for Light Industrail AC Power




Similar Part No. - 587B051

ManufacturerPart #DatasheetDescription
logo
Protek Devices
587B051 PROTEC-587B051 Datasheet
335Kb / 5P
120v ac power line surge suppressor
587B051 PROTEC-587B051 Datasheet
337Kb / 5P
120V AC POWER LINE SURGE SUPPRESSOR
587B051LP PROTEC-587B051LP Datasheet
72Kb / 3P
LOW PROFILE 120V AC POWER LINE SURGE SUPPRESSOR
587B051LP PROTEC-587B051LP Datasheet
331Kb / 4P
low profile 120v acpower line surge suppressor
587B051LP PROTEC-587B051LP_11 Datasheet
331Kb / 4P
low profile 120v acpower line surge suppressor
More results


Similar Description - 587B051

ManufacturerPart #DatasheetDescription
logo
Protek Devices
587B062 PROTEC-587B062 Datasheet
97Kb / 3P
240V AC POWER LINE SURGE SUPPRESSOR
587B062LP PROTEC-587B062LP Datasheet
100Kb / 3P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
587B062LPE PROTEC-587B062LPE Datasheet
100Kb / 3P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
RV120-30 PROTEC-RV120-30 Datasheet
113Kb / 1P
120V RV SURGE SUPPRESSOR
587B051LP PROTEC-587B051LP Datasheet
72Kb / 3P
LOW PROFILE 120V AC POWER LINE SURGE SUPPRESSOR
587B051 PROTEC-587B051_11 Datasheet
335Kb / 5P
120v ac power line surge suppressor
587B051LP PROTEC-587B051LP_11 Datasheet
331Kb / 4P
low profile 120v acpower line surge suppressor
587B051 PROTEC-587B051_12 Datasheet
337Kb / 5P
120V AC POWER LINE SURGE SUPPRESSOR
587B051LP PROTEC-587B051LP_12 Datasheet
333Kb / 4P
LOW PROFILE 120V AC POWER LINE SURGE SUPPRESSOR
587B062LPE PROTEC-587B062LPE_12 Datasheet
337Kb / 4P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com