Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

587B051LP Datasheet (PDF) - Protek Devices

587B051LP Datasheet PDF - Protek Devices
Part # 587B051LP
Download  587B051LP Download
File Size   72.71 Kbytes
Page   3 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description LOW PROFILE 120V AC POWER LINE SURGE SUPPRESSOR

587B051LP Datasheet (PDF)

Go To PDF Page Download Datasheet
587B051LP Datasheet PDF - Protek Devices

Part # 587B051LP
Download  587B051LP Click to download

File Size   72.71 Kbytes
Page   3 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description LOW PROFILE 120V AC POWER LINE SURGE SUPPRESSOR

587B051LP Datasheet (HTML) - Protek Devices


587B051LP Product details

DESCRIPTION

The 587B Low Profile (LP) Series of 120 Volt AC Surge Suppressors is designed for use by the OEM, equipment installer and or maintenance contractor. These modules employ a three stage technology proven to be the most cost effective and reliable method in protecting sensitive electronic equipment from over voltage transients.



FEATURES

✔ Meets ANSI/IEEE C62.41 Outdoor Requirements

✔ Listed to CSA, File LR65240

✔ Differential and Common Mode Protection

✔ Low Clamping Voltage

✔ Nanosecond Response Time

✔ Long Life and Maintenance Free

✔ Finger Safe Connectors



APPLICATIONS

✔ Hard Wired Equipment AC Power Protection

✔ Load Side Distribution Systems

✔ Secondary Protection for Light Industrial AC Power



MECHANICAL CHARACTERISTICS

✔ Plastic Package

✔ Weight: 360 Grams (Approximate)

✔ Flammability Rating UL 94V-0

✔ Device Marking: Part Number, Date Code, Logo, Voltage and Current Rating




Similar Part No. - 587B051LP

ManufacturerPart #DatasheetDescription
logo
Protek Devices
587B051LP PROTEC-587B051LP Datasheet
331Kb / 4P
low profile 120v acpower line surge suppressor
587B051LP PROTEC-587B051LP_11 Datasheet
331Kb / 4P
low profile 120v acpower line surge suppressor
587B051LP PROTEC-587B051LP_12 Datasheet
333Kb / 4P
LOW PROFILE 120V AC POWER LINE SURGE SUPPRESSOR
More results


Similar Description - 587B051LP

ManufacturerPart #DatasheetDescription
logo
Protek Devices
587B051 PROTEC-587B051 Datasheet
97Kb / 3P
120V AC POWER LINE SURGE SUPPRESSOR
587B062 PROTEC-587B062 Datasheet
97Kb / 3P
240V AC POWER LINE SURGE SUPPRESSOR
587B062LP PROTEC-587B062LP Datasheet
100Kb / 3P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
587B062LPE PROTEC-587B062LPE Datasheet
100Kb / 3P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
587B051 PROTEC-587B051_11 Datasheet
335Kb / 5P
120v ac power line surge suppressor
587B051LP PROTEC-587B051LP_11 Datasheet
331Kb / 4P
low profile 120v acpower line surge suppressor
587B051 PROTEC-587B051_12 Datasheet
337Kb / 5P
120V AC POWER LINE SURGE SUPPRESSOR
587B051LP PROTEC-587B051LP_12 Datasheet
333Kb / 4P
LOW PROFILE 120V AC POWER LINE SURGE SUPPRESSOR
587B062LP PROTEC-587B062LP_12 Datasheet
335Kb / 4P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
587B062LPE PROTEC-587B062LPE_12 Datasheet
337Kb / 4P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com