Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO6LC Datasheet (PDF) - Protek Devices

IO6LC Datasheet PDF - Protek Devices
Part # IO6LC
Download  IO6LC Download
File Size   81.91 Kbytes
Page   4 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STEERING DIODE ARRAY

IO6LC Datasheet (PDF)

Go To PDF Page Download Datasheet
IO6LC Datasheet PDF - Protek Devices

Part # IO6LC
Download  IO6LC Click to download

File Size   81.91 Kbytes
Page   4 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STEERING DIODE ARRAY

IO6LC Datasheet (HTML) - Protek Devices


IO6LC Product details

DESCRIPTION
The IO6LC is a low capacitance and low leakage steering diode array capable of protecting up to six (6) high speed data lines. Its ultra low capacitance allows maintenance of signal integrity for high-speed data lines while protecting the circuit ICs from the damage of severe transients. An extremely low leakage current makes the IO6LC suitable for battery powered devices.

FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• 350mW Continuous Power Dissipation
• Provides Six Lines of Protection
• Low Leakage Current: < 1.0µA
• Ultra Low Capacitance: 3pF Typical
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Computing Devices
• SMART Phones
• Portable Electronics
• Sensors
• Set Top Box Interfaces




Similar Part No. - IO6LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
IO6LC PROTEC-IO6LC Datasheet
72Kb / 4P
STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC Datasheet
488Kb / 6P
ultra low capacitance steering diode array
IO6LC PROTEC-IO6LC_07 Datasheet
72Kb / 4P
STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC_10 Datasheet
488Kb / 6P
ultra low capacitance steering diode array
IO6LC PROTEC-IO6LC_12 Datasheet
504Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
More results


Similar Description - IO6LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ET724 PROTEC-ET724 Datasheet
167Kb / 4P
STEERING DIODE ARRAY
ET723 PROTEC-ET723 Datasheet
206Kb / 4P
STEERING DIODE ARRAY
DALC112S1 PROTEC-DALC112S1 Datasheet
80Kb / 4P
STEERING DIODE ARRAY
MMAD1108 PROTEC-MMAD1108 Datasheet
104Kb / 3P
STEERING DIODE ARRAY
USB002 PROTEC-USB002 Datasheet
59Kb / 3P
STEERING DIODE ARRAY
ET720 PROTEC-ET720_07 Datasheet
74Kb / 4P
STEERING DIODE ARRAY
ET723 PROTEC-ET723_07 Datasheet
79Kb / 4P
STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC_07 Datasheet
72Kb / 4P
STEERING DIODE ARRAY
PMAD1108 PROTEC-PMAD1108_07 Datasheet
68Kb / 3P
STEERING DIODE ARRAY
SR70 PROTEC-SR70_06 Datasheet
75Kb / 3P
STEERING DIODE ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com