Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO6LC Datasheet(PDF) 2 Page - Protek Devices

Part # IO6LC
Description  STEERING DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

IO6LC Datasheet(HTML) 2 Page - Protek Devices

  IO6LC Datasheet HTML 1Page - Protek Devices IO6LC Datasheet HTML 2Page - Protek Devices IO6LC Datasheet HTML 3Page - Protek Devices IO6LC Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.protekdevices.com
05137.R6 4/05
IO6LC
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C
°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Continuous Power Dissipation
PPC
350
mW
FIGURE 1
PULSE WAVE FORM
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
DEVICE
MARKING
REPETITIVE
PEAK
REVERSE
VOLTAGE
(See Note 1)
V
RRM
VOLTS
MAXIMUM
FORWARD
VOLTAGE
@ 20mA
V
F
VOLTS
MAXIMUM
REVERSE
LEAKAGE
CURRENT
V
RRM @ 5.5V
I
R
µA
TYPICAL
CAPACITANCE
@0V, 1MHz
C
j
pF
IO6LC
IO6LC
30
0.95
3
0.1
MAXIMUM
FORWARD
PEAK PULSE
CURRENT
(See Figure 1)
@ 8/20µs
I
FM
AMPS
3.5
Note 1: V
RRM is +VCC to pin 7, -VEE to pin 3.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com