Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAD1109 Datasheet (PDF) - Protek Devices

MAD1109 Datasheet PDF - Protek Devices
Part # MAD1109
Download  MAD1109 Download
File Size   123.43 Kbytes
Page   4 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STEERING DIODE ARRAY

MAD1109 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAD1109 Datasheet PDF - Protek Devices

Part # MAD1109
Download  MAD1109 Click to download

File Size   123.43 Kbytes
Page   4 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STEERING DIODE ARRAY

MAD1109 Datasheet (HTML) - Protek Devices


MAD1109 Product details

DeScRiPtion

The MAD Series are a low distortion steering diodes. These devices are intended for use in high frequency analog or digital data I/O ports for protection against Electrostatic Discharge (ESD) and Electrical Fast Transients (EFT). The MAD Series is connected between rail-to-rail voltage bus or rail-to-ground for clamping and diverting overvoltage transients for the protection of sensitive network interface circuits.



FEATURES

• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV

• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns

• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line Gnd) & Level 3(Line-Line)

• 500 Milliwatt Continuous Power Dissipation

• Monolithic Design

• ESD Protection > 25 kilovolts

• Protects up to 7 to 10 I/O Lines

• Working Voltage > 50 Volts

• Low Leakage Current < 0.1µA

• Ultra Low Capacitance: 5pF per Diode

• RoHS Compliant

• REACH Compliant



APPLICATIONS

• High Frequency Data Lines

• RS-232 & RS-422 Interface Networks

• Ethernet 10/100 Base T

• Computer I/O Ports



 




Similar Part No. - MAD1109

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MAD1109 MICROSEMI-MAD1109 Datasheet
73Kb / 1P
Switching Diode Array
MAD1109 MICROSEMI-MAD1109 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS Array
logo
Protek Devices
MAD1109 PROTEC-MAD1109 Datasheet
850Kb / 5P
ultra low capacitance multi-line steering diode array
MAD1109 PROTEC-MAD1109 Datasheet
868Kb / 5P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
logo
Microsemi Corporation
MAD1109E3 MICROSEMI-MAD1109E3 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS Array
More results


Similar Description - MAD1109

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ET724 PROTEC-ET724 Datasheet
167Kb / 4P
STEERING DIODE ARRAY
ET723 PROTEC-ET723 Datasheet
206Kb / 4P
STEERING DIODE ARRAY
DALC112S1 PROTEC-DALC112S1 Datasheet
80Kb / 4P
STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC Datasheet
81Kb / 4P
STEERING DIODE ARRAY
USB002 PROTEC-USB002 Datasheet
59Kb / 3P
STEERING DIODE ARRAY
ET720 PROTEC-ET720_07 Datasheet
74Kb / 4P
STEERING DIODE ARRAY
ET723 PROTEC-ET723_07 Datasheet
79Kb / 4P
STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC_07 Datasheet
72Kb / 4P
STEERING DIODE ARRAY
PMAD1108 PROTEC-PMAD1108_07 Datasheet
68Kb / 3P
STEERING DIODE ARRAY
SR70 PROTEC-SR70_06 Datasheet
75Kb / 3P
STEERING DIODE ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com