Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C850KCW Datasheet (PDF) - Advanced Micro Devices

AM79C850KCW Datasheet PDF - Advanced Micro Devices
Part # AM79C850KCW
Download  AM79C850KCW Download
File Size   334.43 Kbytes
Page   97 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description SUPERNET-R 3

AM79C850KCW Datasheet (PDF)

Go To PDF Page Download Datasheet
AM79C850KCW Datasheet PDF - Advanced Micro Devices

Part # AM79C850KCW
Download  AM79C850KCW Click to download

File Size   334.43 Kbytes
Page   97 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description SUPERNET-R 3

AM79C850KCW Datasheet (HTML) - Advanced Micro Devices


AM79C850KCW Product details

FUNCTIONAL OVERVIEW
SUPERNET 3 is a 208-pin CMOS integration of FDDI MAC, PHY, Address Filter, and clock generation and recovery functions. It is the third generation FDDI offering from AMD which integrates the SUPERNET 2 family of chips into a single-chip solution. Refer to the SUPERNET 2 data book (PID 15502C) for basic feature descriptions.

DISTINCTIVE CHARACTERISTICS
■ Compliant with the ANSI X3T9.5/ISO 9314 specification
   — 100 Mbps data rate
   — Timed token-passing protocol
   — Ring topology
■ Complete memory management
   — Supports 256K bytes of local frame buffer memory
   — Supports buffer memory bandwidths of 200 Mbps and 400 Mbps
   — Tag-Mode: minimum latency/highest performance buffer memory management, ideal for adapter card designs
■ ANSI-compliant TP-PMD Stream Cipher Scrambling/Descrambling
■ Full duplex operation: 200 Mbps continuous data rate
■ Supports both fiber optic and copper twistedpair media
■ Diagnostic features
   — Built in Self Test (BIST) in Address Filter, Physical Layer Controller with Scrambler
■ Hardware Physical Connection Management support
■ Low power consumption—reduction of more than 25% from SUPERNET 2 solution




Similar Part No. - AM79C850KCW

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C864A AMD-AM79C864A Datasheet
248Kb / 51P
Physical Layer Controller With Scrambler (PLC-S)
AM79C864AKC AMD-AM79C864AKC Datasheet
248Kb / 51P
Physical Layer Controller With Scrambler (PLC-S)
AM79C864AKCW AMD-AM79C864AKCW Datasheet
248Kb / 51P
Physical Layer Controller With Scrambler (PLC-S)
AM79C873 AMD-AM79C873 Datasheet
543Kb / 44P
NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
AM79C873KCW AMD-AM79C873KCW Datasheet
543Kb / 44P
NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
More results


Similar Description - AM79C850KCW

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
254326 ERNI-254326 Datasheet
71Kb / 1P
FEDERLEISTE R/3 30 LOT
284419 ERNI-284419 Datasheet
70Kb / 1P
FEDERLEISTE R/3 20 LOT
294716 ERNI-294716 Datasheet
73Kb / 1P
FEDERLEISTE R/3 30 LOT
294863 ERNI-294863 Datasheet
82Kb / 1P
FEDERLEISTE R/3 30 EE
354383 ERNI-354383 Datasheet
87Kb / 1P
MESSERLEISTE R/3 30 EE
354388 ERNI-354388 Datasheet
63Kb / 1P
Messerleiste R / 3, 30 EE
logo
PHOENIX CONTACT
2200317 PHOENIX-2200317 Datasheet
120Kb / 4P
FKDSO 2,5/ 3-R KMGY
2854092 PHOENIX-2854092 Datasheet
157Kb / 5P
MKDSO 2,5/ 3-R KMGY
logo
Molex Electronics Ltd.
2153201031 MOLEX-2153201031 Datasheet
309Kb / 1P
MINIFIT JR SR R-R 3 CIRCUIT 150MM Sn
2020/05/28
2180560305 MOLEX-2180560305 Datasheet
146Kb / 1P
3 CKT DISCR GUARDIAN R-R 500MM
2021/12/07
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com