Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C873 Datasheet (PDF) - Advanced Micro Devices

AM79C873 Datasheet PDF - Advanced Micro Devices
Part # AM79C873
Download  AM79C873 Download
File Size   543.2 Kbytes
Page   44 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support

AM79C873 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM79C873 Datasheet PDF - Advanced Micro Devices

Part # AM79C873
Download  AM79C873 Click to download

File Size   543.2 Kbytes
Page   44 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support

AM79C873 Datasheet (HTML) - Advanced Micro Devices


AM79C873 Product details

GENERAL DESCRIPTION
The NetPHY-1 device is a physical-layer, single-chip, low-power transceiver for 100BASE-TX, 100BASE-FX, and 10BASE-T operations. On the media side, it provides a direct interface to Fiber Media for 100BASE-FX Fast Ethernet, Unshielded Twisted Pair Category 5 Cable (UTP5) for 100BASE-TX Fast Ethernet, or UTP5/UTP3 Cable for 10BASE-T Ethernet. Through the IEEE 802.3u Media Independent Interface (MII), the NetPHY-1 device connects to the Medium Access Control (MAC) layer, ensuring a high interoperability among products from different vendors.
The NetPHY-1 device uses a low-power, high-performance CMOS process. It contains the entire physical layer functions of 100BASE-FX and 100BASE-TX as defined by the IEEE 802.3u standard, including the Physical Coding Sublayer (PCS), Physical Medium Attachment (PMA), 100BASE-TX Twisted Pair Physical Medium Dependent (TP-PMD) sublayer, and a 10BASE-T Encoder/Decoder (ENDEC). The NetPHY-1 device provides strong support for the Auto-Negotiation function utilizing automatic media speed and protocol selection. The NetPHY-1 device incorporates an internal wave-shaping filter to control rise/fall time, eliminating the need for external filtering on the 10/100 Mbps signals.

DISTINCTIVE CHARACTERISTICS
■ 100BASE-FX direct interface to industry
   standard electrical/optical transceivers
■ 10/100BASE-TX physical-layer, single-chip  transceiver
■ Compliant with the IEEE 802.3u 100BASE-TX  standard
■ Compliant with the ANSI X3T12 TP-PMD 1995  standard
■ Compliant with the IEEE 802.3u Auto
   Negotiation protocol for automatic link type  selection
■ Supports the MII with serial management  interface
■ Supports Full Duplex operation for 10 Mbps and  100 Mbps
■ High performance 100 Mbps clock generator
   and data recovery circuitry
■ Adaptive equalization circuitry for 100 Mbps  receiver
■ Controlled output edge rates in 100 Mbps
■ Supports a 10BASE-T interface without the
   need for an external filter
■ Provides Loopback mode for system  diagnostics
■ Includes flexible LED configuration capability
■ Digital clock recovery circuit using advanced
   digital algorithm to reduce jitter
■ Low-power, high-performance CMOS process
■ Available in  a 100-pin PQFP package




Similar Part No. - AM79C873

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C874 AMD-AM79C874 Datasheet
542Kb / 60P
NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
AM79C874VC AMD-AM79C874VC Datasheet
542Kb / 60P
NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
AM79C874VI AMD-AM79C874VI Datasheet
542Kb / 60P
NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
AM79C875 AMD-AM79C875 Datasheet
2Mb / 48P
NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
AM79C875KC AMD-AM79C875KC Datasheet
2Mb / 48P
NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
More results


Similar Description - AM79C873

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161 DAVICOM-DM9161_08 Datasheet
666Kb / 50P
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BEP DAVICOM-DM9161BEP Datasheet
172Kb / 3P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C_1 Datasheet
70Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9162 DAVICOM-DM9162 Datasheet
70Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
logo
Texas Instruments
DP83620 TI1-DP83620 Datasheet
1Mb / 102P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver with Fiber Support (FX)
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com