Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9161EP Datasheet (PDF) - Davicom Semiconductor, Inc.

DM9161EP Datasheet PDF - Davicom Semiconductor, Inc.
Part # DM9161EP
Download  DM9161EP Download
File Size   94.45 Kbytes
Page   3 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver

DM9161EP Datasheet (PDF)

Go To PDF Page Download Datasheet
DM9161EP Datasheet PDF - Davicom Semiconductor, Inc.

Part # DM9161EP
Download  DM9161EP Click to download

File Size   94.45 Kbytes
Page   3 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver

DM9161EP Datasheet (HTML) - Davicom Semiconductor, Inc.


DM9161EP Product details

General Description

The DM9161 is a physical layer, single-chip, and low power transceiver for 100BASE-TX 100BASE-FX and 10BASE-T operations. On the media side, it provides a direct interface either to Unshielded Twisted Pair Category 5 Cable (UTP5) for 100BASE-TX Fast Ethernet, or UTP5/UTP3 Cable for 10BASE-T Ethernet. Through the Media Independent Interface(MII), the DM9161 connects to the Medium Access Control (MAC) layer, ensuring a high inter-operability from different vendors.



Features

Fully complies with IEEE 802.3u 10Base-T/100Base-TX/FX

Support Auto-Negotiation function, compliant with IEEE 802.3u

Fully integrated Physical layer single chip with direct interface to magnetic

Integrated 10Base-T and 100Base-TX transceiver

Selectable repeater or node mode

Far end fault signaling option in FX mode

Selectable MII or RMII (Reduced MII) interface, at he 100BASE-TX

Selectable GPSI (7-Wired) or MII mode at the 10Base-T.

Selectable twisted-pair or fiber mode output

Selectable full-duplex or half-duplex operation

MII management interface with maskable interrupt output capability

Provide Loopback mode for easy system diagnostics

LED status outputs indicate Link/ Activity, Speed10/100 and Full-duplex/Collision.

Single low power Supply of 3.3V with 0.35µm CMOS technology

Very Low Power consumption modes:

●Power Reduced mode (cable detection)

●Power Down mode

●Selectable TX drivers for 1:1 or 1.25:1 transformers for additional power reduction.

Compatible with 3.3V and 5.0V tolerant I/Os

48-pin LQFP small package (1x1 cm)




Similar Part No. - DM9161EP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9161EP DAVICOM-DM9161EP Datasheet
666Kb / 50P
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
More results


Similar Description - DM9161EP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161A DAVICOM-DM9161A_09 Datasheet
456Kb / 45P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161B DAVICOM-DM9161B Datasheet
476Kb / 45P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BEP DAVICOM-DM9161BEP Datasheet
172Kb / 3P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C_1 Datasheet
70Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9162 DAVICOM-DM9162 Datasheet
70Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9163 DAVICOM-DM9163 Datasheet
187Kb / 7P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com