Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9161EP Datasheet(PDF) 2 Page - Davicom Semiconductor, Inc.

Part # DM9161EP
Description  10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161EP Datasheet(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM9161EP Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9161EP Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM9161EP Datasheet HTML 3Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Fully complies with IEEE 802.3u 10Base-T/100Base-TX/FX
Support Auto-Negotiation function, compliant with IEEE 802.3u
Fully integrated Physical layer single chip with direct interface to magnetic
Integrated 10Base-T and 100Base-TX transceiver
Selectable repeater or node mode
Far end fault signaling option in FX mode
Selectable MII or RMII (Reduced MII) interface, at he 100BASE-TX
Selectable GPSI (7-Wired) or MII mode at the 10Base-T.
Selectable twisted-pair or fiber mode output
Selectable full-duplex or half-duplex operation
MII management interface with maskable interrupt output capability
Provide Loopback mode for easy system diagnostics
LED status outputs indicate Link/ Activity, Speed10/100 and
Full-duplex/Collision.
Single low power Supply of 3.3V with 0.35µm CMOS technology
Very Low Power consumption modes:
● Power Reduced mode (cable detection)
●Power Down mode



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com