Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC496 Datasheet (PDF) - Protek Devices

PLC496 Datasheet PDF - Protek Devices
Part # PLC496
Download  PLC496 Download
File Size   90.54 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ULTRA LOW CAPACITANCE TVS ARRAY

PLC496 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLC496 Datasheet PDF - Protek Devices

Part # PLC496
Download  PLC496 Click to download

File Size   90.54 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ULTRA LOW CAPACITANCE TVS ARRAY

PLC496 Datasheet (HTML) - Protek Devices


PLC496 Product details

DESCRIPTION
The PLC496 is an ultra low capacitance TVS array that provides two lines of protection. This device protects high-frequency applications such as voice and data related systems and is designed to minimize the effects of high overshoot voltage experienced during and ESD event.
The PLC496 has a peak pulse power rating of 500 Watts for an 8/20µs waveshape. This device meets the IEC 61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.

FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-Gnd) & Level 3(Line-Line)
• 500 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Bidirectional Configuration
• Low Clamping Voltage < 5 Volts
• Ultra Low Capacitance: 1.25pF
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Sensor & Control Circuits
• FireWire
• Ethernet - 10/100/1000 Base T
• Portable Electronics
• RF Applications




Similar Part No. - PLC496

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLC496 PROTEC-PLC496 Datasheet
79Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PLC496 PROTEC-PLC496 Datasheet
789Kb / 9P
500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
logo
Laird Tech Smart Techno...
PLC496 LSTD-PLC496 Datasheet
428Kb / 1P
Heavy-duty construction
PLC496N LSTD-PLC496N Datasheet
428Kb / 1P
Heavy-duty construction
logo
Protek Devices
PLC496 PROTEC-PLC496_07 Datasheet
79Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
More results


Similar Description - PLC496

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
ultra LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
Ultra Low Capacitance TVS Array
logo
Protek Devices
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com