Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1194 Datasheet (PDF) - 3M Electronics

1194 Datasheet PDF - 3M Electronics
Part # 1194
Download  1194 Download
File Size   21.09 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Copper Foil with Nonconductive Adhesive

1194 Datasheet (PDF)

Go To PDF Page Download Datasheet
1194 Datasheet PDF - 3M Electronics

Part # 1194
Download  1194 Click to download

File Size   21.09 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Copper Foil with Nonconductive Adhesive

1194 Datasheet (HTML) - 3M Electronics


1194 Product details

Features
■ Deadsoft 1-ounce copper foil backing
■ Nonconductive acrylic adhesive
■ Supplied on a removable liner for easy handling and diecutting Like all 3M shielding tapes, 3M 1194 is available in standard and custom widths and lengths. Standard length for 3M 1194 is 36 yards.
■ Widths from 1/4” to 23”
■ Longer lengths up to several times normal length, dependent upon width. Check with Customer Service.

Applications
■ 3M 1194 Tape is typically used for applications requiring economical electrical bonding, grounding, and EMI shielding. The copper foil backing is solderable and resists oxidation and discoloration. Shielding Effectiveness Many factors determine the true shielding effectiveness of a shielding tape, including type and thickness of foil, adhesive type, intimacy of contact, smoothness of application surface, strength and frequency of the EMI signal, etc. However, using standard tests and fixtures, it is possible to determine a value for the attenuation. For 3M 1194 Tape, typical shielding effectiveness (far field) is in the range of 50dB to 60dB (30 MHz to 1 GHz). Properties Typical Values Backing thickness 1 1.4 mil (0,04mm) Total thickness (backing plus adhesive) 2.6 mil (0.066mm) Breaking strength 1 25 lb./in (44 N/10mm) Adhesion to steel 1 40 oz/in (4,4 N/10mm) Flame retardancy 2
■ Pass
■ Footnote: 1. Test method ASTM D 1000 2. UL-recognized for flame retardancy per UL 510, Product Category 0ANZ2, File E17385.




Similar Part No. - 1194

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
1194 TI-1194 Datasheet
882Kb / 50P
Single Chip Low Cost Low Power RF-Transmitter
logo
3M Electronics
1194 3M-1194 Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Adafruit Industries
1194 ADAFRUIT-1194 Datasheet
1Mb / 2P
Large Arcade Button with LED - 60mm Blue
logo
Heyco.
11940 HEYCO-11940 Datasheet
70Kb / 1P
Shock Proof Snap Rivets
logo
Weidmuller
1194000000 WEIDMULLER-1194000000 Datasheet
106Kb / 3P
KTB MOPL 4848 MSZN
More results


Similar Description - 1194

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1245 3M-1245 Datasheet
24Kb / 2P
Embossed Copper Foil
3-6-1125 3M-3-6-1125 Datasheet
91Kb / 2P
Copper Foil with Acrylic Adhesive
80011181049 3M-80011181049 Datasheet
20Kb / 3P
1181 Tape Copper Foil with Conductive Adhesive
Jan-2000
1170 3M-1170 Datasheet
107Kb / 2P
Aluminum Foil with Conductive Adhesive
Apr-2010
1181 3M-1181 Datasheet
107Kb / 2P
Copper Foil with Conductive Adhesive
Apr-2010
1183 3M-1183 Datasheet
66Kb / 2P
Tin-Plated Copper Foil with Conductive Adhesive Tape 1183
Rev C
3313 3M-3313 Datasheet
29Kb / 2P
Conductive Copper Foil Tape
AL-25BT 3M-AL-25BT Datasheet
140Kb / 2P
Aluminum Foil with Conductive Acrylic Adhesive
2003
AL-36NC 3M-AL-36NC Datasheet
226Kb / 2P
Polyester-Laminated Aluminum Foil with Acrylic Adhesive
2004
AL-50BT 3M-AL-50BT Datasheet
140Kb / 2P
Aluminum Foil with Conductive Acrylic Adhesive
2004
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com