Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1245 Datasheet (PDF) - 3M Electronics

1245 Datasheet PDF - 3M Electronics
Part # 1245
Download  1245 Download
File Size   24.39 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Embossed Copper Foil

1245 Datasheet (PDF)

Go To PDF Page Download Datasheet
1245 Datasheet PDF - 3M Electronics

Part # 1245
Download  1245 Click to download

File Size   24.39 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Embossed Copper Foil

1245 Datasheet (HTML) - 3M Electronics


1245 Product details

Features
■ Embossed deadsoft 1-ounce copper foil
■ backing
■ Conductivity “through the adhesive”
■ Supplied on a removable liner for easy handling and diecutting Like all 3M shielding tapes, 3M 1245 is available in standard and custom widths and lengths. Standard length is 18 yards.
■ Widths from 1/4” to 23”
■ Longer lengths up to several times normal length, dependent upon width. Check with Customer Service.

Applications
■ 3M 1245 Tape is typically used for applications requiring excellent electrical conductivity from the application substrate through the adhesive to the foil backing. Common uses include grounding and EMI shielding in equipment, components, shielded rooms, etc. The copper foil backing is solderable and resists oxidation and discoloration. Shielding Effectiveness Many factors determine the true shielding effectiveness of a shielding tape, including type and thickness of foil, adhesive type, intimacy of contact, smoothness of application surface, strength and frequency of the EMI signal, etc. However, using standard tests and fixtures, it is possible to determine a value for the attenuation. For 3M 1245 Tape, typical shielding effectiveness (far field) is in the range of 75dB to 85dB (30 MHz to 1 GHz). Properties Typical Values Backing thickness 1 1.4 mil (0,04mm) Total thickness (backing plus adhesive) 4.0 mil (.101mm) Breaking strength 1 25 lb./in (44 N/10mm) Adhesion to steel 1 35 oz/in (3,8 N/10mm)




Similar Part No. - 1245

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1245 ETC2-1245 Datasheet
1Mb / 16P
Drywall Punch
logo
3M Electronics
1245 3M-1245 Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
CUI INC
1245-0003R CUI-1245-0003R Datasheet
78Kb / 2P
AMT 102 BASE
logo
3M Electronics
1245-3 3M-1245-3 Datasheet
25Kb / 2P
Embossed Copper Foil
logo
List of Unclassifed Man...
12450 ETC2-12450 Datasheet
271Kb / 2P
STATFREE FOAM, CONDUCTIVE
More results


Similar Description - 1245

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TM3P-62P HIROSE-TM3P-62P Datasheet
320Kb / 5P
MODULAR CONNECTORS(Plug for copper foil, stranded wire flat type cable)
logo
3M Electronics
3-6-1125 3M-3-6-1125 Datasheet
91Kb / 2P
Copper Foil with Acrylic Adhesive
80011181049 3M-80011181049 Datasheet
20Kb / 3P
1181 Tape Copper Foil with Conductive Adhesive
Jan-2000
logo
Kingboard Laminates Hol...
KB-7150 KINGBOARD-KB-7150 Datasheet
231Kb / 2P
Copper-clad foil glass felt composite laminate
logo
3M Electronics
1181 3M-1181 Datasheet
107Kb / 2P
Copper Foil with Conductive Adhesive
Apr-2010
1183 3M-1183 Datasheet
66Kb / 2P
Tin-Plated Copper Foil with Conductive Adhesive Tape 1183
Rev C
3325 3M-3325 Datasheet
29Kb / 2P
1.5 Mil Copper Foil Tape
3313 3M-3313 Datasheet
29Kb / 2P
Conductive Copper Foil Tape
33316 3M-33316 Datasheet
29Kb / 2P
Electrically Conductive Tinned Copper Foil
1194 3M-1194 Datasheet
21Kb / 2P
Copper Foil with Nonconductive Adhesive
1998
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com