Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1245-3 Datasheet (PDF) - 3M Electronics

1245-3 Datasheet PDF - 3M Electronics
Part # 1245-3
Download  1245-3 Download
File Size   25.66 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Embossed Copper Foil

1245-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
1245-3 Datasheet PDF - 3M Electronics

Part # 1245-3
Download  1245-3 Click to download

File Size   25.66 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Embossed Copper Foil

1245-3 Datasheet (HTML) - 3M Electronics


1245-3 Product details

Product Description
3M 1245 Tape consists of an embossed 1-
ounce deadsoft copper foil backing and an
aggressive pressure-sensitive acrylic adhesive.
The edges of the embossed pattern pressed
into the foil cut through the adhesive layer to
establish reliable metal-to-metal contact
between the backing and the application
substrate.
• Embossed deadsoft 1-ounce copper foil
backing
• Conductivity “through the adhesive”
• Supplied on a removable liner for easy
handling and diecutting
Like all 3M shielding tapes, 3M 1245 is
available in standard and custom widths and
lengths. Standard length is 18 yards.
• Widths from 1/4” to 23”
• Longer lengths up to several times normal
length, dependent upon width. Check with
Customer Service.

Applications
3M 1245 Tape is typically used for
applications requiring excellent electrical
conductivity from the application substrate
through the adhesive to the foil backing.
Common uses include grounding and EMI
shielding in equipment, components, shielded
rooms, etc. The copper foil backing is
solderable and resists oxidation and
discoloration.

Shielding Effectiveness
Many factors determine the true shielding
effectiveness of a shielding tape, including
type and thickness of foil, adhesive type,
intimacy of contact, smoothness of application
surface, strength and frequency of the EMI
signal, etc. However, using standard tests and
fixtures, it is possible to determine a value for
the attenuation.
For 3M 1245 Tape, typical shielding
effectiveness (far field) is in the range of 75dB
to 85dB (30 MHz to 1 GHz).




Similar Part No. - 1245-3

ManufacturerPart #DatasheetDescription
logo
CUI INC
1245-0003R CUI-1245-0003R Datasheet
78Kb / 2P
AMT 102 BASE
More results


Similar Description - 1245-3

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1245 3M-1245 Datasheet
24Kb / 2P
Embossed Copper Foil
3-6-1125 3M-3-6-1125 Datasheet
91Kb / 2P
Copper Foil with Acrylic Adhesive
80011181049 3M-80011181049 Datasheet
20Kb / 3P
1181 Tape Copper Foil with Conductive Adhesive
Jan-2000
logo
Kingboard Laminates Hol...
KB-7150 KINGBOARD-KB-7150 Datasheet
231Kb / 2P
Copper-clad foil glass felt composite laminate
logo
3M Electronics
1181 3M-1181 Datasheet
107Kb / 2P
Copper Foil with Conductive Adhesive
Apr-2010
1183 3M-1183 Datasheet
66Kb / 2P
Tin-Plated Copper Foil with Conductive Adhesive Tape 1183
Rev C
3325 3M-3325 Datasheet
29Kb / 2P
1.5 Mil Copper Foil Tape
3313 3M-3313 Datasheet
29Kb / 2P
Conductive Copper Foil Tape
33316 3M-33316 Datasheet
29Kb / 2P
Electrically Conductive Tinned Copper Foil
1194 3M-1194 Datasheet
21Kb / 2P
Copper Foil with Nonconductive Adhesive
1998
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com