Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7830 Datasheet (PDF) - Schneider Electric

AP7830 Datasheet PDF - Schneider Electric
Part # AP7830
Download  AP7830 Download
File Size   68.85 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Rack PDU, Metered, Zero U, 20A, 120V, (24) NEMA 5-20R

AP7830 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP7830 Datasheet PDF - Schneider Electric

Part # AP7830
Download  AP7830 Click to download

File Size   68.85 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Rack PDU, Metered, Zero U, 20A, 120V, (24) NEMA 5-20R

AP7830 Datasheet (HTML) - Schneider Electric




Similar Part No. - AP7830

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP7811GM A-POWER-AP7811GM Datasheet
83Kb / 6P
Low On-Resistance, Fast Switching
logo
Schneider Electric
AP7821B SCHNEIDER-AP7821B Datasheet
69Kb / 2P
Rack PDU, Metered, 1U, 16A, 208/230V, (8) C13
Oct 8, 2020
AP7850 SCHNEIDER-AP7850 Datasheet
67Kb / 2P
Rack PDU, Metered, Zero U, 10A, 230V, (16) C13
Sep 20, 2021
AP7892 SCHNEIDER-AP7892 Datasheet
104Kb / 2P
Rack PDU, Metered, Zero U, 5.7kW,120V (42) 5-20; 10 Cord
20-Sep-2021
logo
Diodes Incorporated
AP78L05 DIODES-AP78L05 Datasheet
314Kb / 9P
5V OUTPUT 3-TERMINAL POSITIVE REGULATOR
AP78L05 Rev. 4
More results


Similar Description - AP7830

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP9551 ETC2-AP9551 Datasheet
39Kb / 1P
Rack PDU, Basic, Zero U, 20A, 120V, (14)5-15
PDU1220 ETC2-PDU1220 Datasheet
485Kb / 4P
Single-Phase Basic PDU, 2.4kW 20A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15/20R outlets
PDUMH20AT ETC2-PDUMH20AT Datasheet
479Kb / 4P
Single-Phase Auto Transfer Switch / Metered PDU, 1.9kW 20A 120V, 1U Horizontal Rackmount, 16 5-15/20R outlets
PDUMV15 ETC2-PDUMV15 Datasheet
479Kb / 5P
Single-Phase Metered PDU, 1.4kW 15A 120V, 0U Vertical Rackmount, 16 NEMA 5-15R outlets, NEMA
PDUMV20 ETC2-PDUMV20 Datasheet
505Kb / 5P
Single-Phase Metered PDU, 1.9kW 20A 120V, 0U Vertical Rackmount, 28 NEMA 5-15/20R outlets
logo
Tripp Lite. All Rights ...
PDUMH30 TRIPPLITE-PDUMH30 Datasheet
159Kb / 3P
2.9kW Single-Phase Metered PDU, 120V Outlets (12 5-15/20R), L5-30P, 15ft Cord, 1U Rack-Mount
PDUMV30 TRIPPLITE-PDUMV30 Datasheet
153Kb / 3P
2.9kW Single-Phase Metered PDU, 120V Outlets (24 5-15/20R), L5-30P, 10ft Cord, 0U Vertical
logo
Schneider Electric
AP7931 SCHNEIDER-AP7931 Datasheet
67Kb / 2P
Rack PDU, Switched, Zero U, 15A, 100/120V,(16) 5-15
Nov 27, 2020
AP7892 SCHNEIDER-AP7892 Datasheet
104Kb / 2P
Rack PDU, Metered, Zero U, 5.7kW,120V (42) 5-20; 10 Cord
20-Sep-2021
AP7850 SCHNEIDER-AP7850 Datasheet
67Kb / 2P
Rack PDU, Metered, Zero U, 10A, 230V, (16) C13
Sep 20, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com