Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7850 Datasheet (PDF) - Schneider Electric

AP7850 Datasheet PDF - Schneider Electric
Part # AP7850
Download  AP7850 Download
File Size   67.8 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Rack PDU, Metered, Zero U, 10A, 230V, (16) C13

AP7850 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP7850 Datasheet PDF - Schneider Electric

Part # AP7850
Download  AP7850 Click to download

File Size   67.8 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Rack PDU, Metered, Zero U, 10A, 230V, (16) C13

AP7850 Datasheet (HTML) - Schneider Electric




Similar Part No. - AP7850

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP7811GM A-POWER-AP7811GM Datasheet
83Kb / 6P
Low On-Resistance, Fast Switching
logo
Schneider Electric
AP7821B SCHNEIDER-AP7821B Datasheet
69Kb / 2P
Rack PDU, Metered, 1U, 16A, 208/230V, (8) C13
Oct 8, 2020
AP7830 SCHNEIDER-AP7830 Datasheet
68Kb / 2P
Rack PDU, Metered, Zero U, 20A, 120V, (24) NEMA 5-20R
Oct 17, 2021
AP7892 SCHNEIDER-AP7892 Datasheet
104Kb / 2P
Rack PDU, Metered, Zero U, 5.7kW,120V (42) 5-20; 10 Cord
20-Sep-2021
logo
Diodes Incorporated
AP78L05 DIODES-AP78L05 Datasheet
314Kb / 9P
5V OUTPUT 3-TERMINAL POSITIVE REGULATOR
AP78L05 Rev. 4
More results


Similar Description - AP7850

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH32HVAT TRIPPLITE-PDUMH32HVAT Datasheet
516Kb / 3P
TAA-Compliant 7.4kW Single-Phase ATS/Metered PDU, 230V Outlets (16 C13 & 2 C19), 2 IEC309 32A Blue Cords, 2U Rack-Mount
PDUMH32HV TRIPPLITE-PDUMH32HV Datasheet
163Kb / 3P
7.4kW Single-Phase Metered PDU, 230V Outlets (2-C19, 16-C13), IEC-309 230V 32A Blue, 12ft Cord, 2U Rack-Mount, TAA
logo
Schneider Electric
AP9568 SCHNEIDER-AP9568 Datasheet
74Kb / 2P
Rack PDU, Basic, Zero U, 10A,230V, (15)C13
Sep 2, 2020
AP7821B SCHNEIDER-AP7821B Datasheet
69Kb / 2P
Rack PDU, Metered, 1U, 16A, 208/230V, (8) C13
Oct 8, 2020
AP8853 SCHNEIDER-AP8853 Datasheet
64Kb / 2P
Rack PDU 2G, Metered, ZeroU, 32A, 230V,(36) C13 & (6) C19
Oct 8, 2020
AP8868 SCHNEIDER-AP8868 Datasheet
61Kb / 2P
Rack PDU 2G, Metered, ZeroU, 10.0kW, 208V,(36) C13 & (6) C19
Oct 8, 2020
AP7931 SCHNEIDER-AP7931 Datasheet
67Kb / 2P
Rack PDU, Switched, Zero U, 15A, 100/120V,(16) 5-15
Nov 27, 2020
AP7830 SCHNEIDER-AP7830 Datasheet
68Kb / 2P
Rack PDU, Metered, Zero U, 20A, 120V, (24) NEMA 5-20R
Oct 17, 2021
AP7892 SCHNEIDER-AP7892 Datasheet
104Kb / 2P
Rack PDU, Metered, Zero U, 5.7kW,120V (42) 5-20; 10 Cord
20-Sep-2021
AP7921B SCHNEIDER-AP7921B Datasheet
72Kb / 2P
Rack PDU, Switched, 1U, 16A, 208/230V, (8)C13
Jun 14, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com