Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NYS240L Datasheet (PDF) - REAN

NYS240L Datasheet PDF - REAN
Part # NYS240L
Download  NYS240L Download
File Size   98.66 Kbytes
Page   2 Pages
Manufacturer  REAN [REAN]
Direct Link  https://www.rean-connectors.com/
Logo REAN - REAN
Description Stereo 3 pole 3.5 mm cable jack

NYS240L Datasheet (PDF)

Go To PDF Page Download Datasheet
NYS240L Datasheet PDF - REAN

Part # NYS240L
Download  NYS240L Click to download

File Size   98.66 Kbytes
Page   2 Pages
Manufacturer  REAN [REAN]
Direct Link  https://www.rean-connectors.com/
Logo REAN - REAN
Description Stereo 3 pole 3.5 mm cable jack

NYS240L Datasheet (HTML) - REAN




Similar Part No. - NYS240L

ManufacturerPart #DatasheetDescription
logo
REAN
NYS240L REAN-NYS240L Datasheet
1Mb / 24P
TINYxlr Cable Connectors
2012 / 13
More results


Similar Description - NYS240L

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ-43514 CUI-SJ-43514 Datasheet
158Kb / 3P
3.5 MM AUDIO JACK
MR-3501 CUI-MR-3501 Datasheet
262Kb / 3P
3.5 MM AUDIO JACK
SJ-3598 CUI-SJ-3598 Datasheet
147Kb / 3P
3.5 MM AUDIO JACK
SJ-4351X CUI-SJ-4351X Datasheet
162Kb / 3P
3.5 MM AUDIO JACK
SJ-435107 CUI-SJ-435107 Datasheet
280Kb / 3P
3.5 MM AUDIO JACK
SP-35401 CUI-SP-35401 Datasheet
143Kb / 2P
3.5 mm STEREO PLUG
SR-3501 CUI-SR-3501 Datasheet
269Kb / 3P
3.5 MM AUDIO JACK
SJ1-43502PM CUI-SJ1-43502PM Datasheet
285Kb / 3P
3.5 MM AUDIO JACK
logo
REAN
NYS231 REAN-NYS231 Datasheet
220Kb / 4P
Stereo 3 pole 3.5 mm plug, crimp strain relief
09.12.2021
logo
Advantech Co., Ltd.
PCM-27J3AU ADVANTECH-PCM-27J3AU Datasheet
250Kb / 1P
3-Port Audio Stereo, mPCIe, 3.5 mm Jack
27-Jun-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com