Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP-35401 Datasheet (PDF) - CUI INC

SP-35401 Datasheet PDF - CUI INC
Part # SP-35401
Download  SP-35401 Download
File Size   143.57 Kbytes
Page   2 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description 3.5 mm STEREO PLUG

SP-35401 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP-35401 Datasheet PDF - CUI INC

Part # SP-35401
Download  SP-35401 Click to download

File Size   143.57 Kbytes
Page   2 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description 3.5 mm STEREO PLUG

SP-35401 Datasheet (HTML) - CUI INC




Similar Part No. - SP-35401

ManufacturerPart #DatasheetDescription
logo
CUI Devices
SP-35401 CUID-SP-35401 Datasheet
234Kb / 2P
3.5 MM STEREO PLUG
10/11/2019
More results


Similar Description - SP-35401

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-00336 TENSILITY-10-00336 Datasheet
74Kb / 2P
Cable, 1830 mm, 3.5 mm 50-00086 slim stereo plug to stripped tinned, 28 AWG, shielded, white
10-00345 TENSILITY-10-00345 Datasheet
123Kb / 2P
Cable, 1830 mm, 3.5 mm 50-00038 slim stereo plug to stripped tinned, 28 AWG, shielded
CA-2208 TENSILITY-CA-2208 Datasheet
132Kb / 2P
Cable, 1830 mm, 3.5 mm right angle stereo plug to stripped tinned, 24 AWG, round wire, shielded
50-00086 TENSILITY-50-00086 Datasheet
343Kb / 2P
Connector, stereo plug, 3.5 mm, brass, nickel plated, white insulators
logo
List of Unclassifed Man...
ACB-2RCAMJ-0006 ETC2-ACB-2RCAMJ-0006 Datasheet
78Kb / 1P
Stereo Audio Cable RCA Male to 3.5-mm Male, 6-ft.
logo
CUI INC
SP-25401 CUI-SP-25401 Datasheet
137Kb / 2P
2.5 mm STEREO PLUG
logo
Tripp Lite. All Rights ...
U437-002 TRIPPLITE-U437-002 Datasheet
162Kb / 3P
USB-C to 3.5 mm Stereo Audio Adapter - USB 2.0, Silver
logo
REAN
NYS231 REAN-NYS231 Datasheet
220Kb / 4P
Stereo 3 pole 3.5 mm plug, crimp strain relief
09.12.2021
NYS240 REAN-NYS240 Datasheet
98Kb / 2P
Stereo 3 pole 3.5 mm cable jack
09.12.2021
logo
Advantech Co., Ltd.
PCM-27J3AU ADVANTECH-PCM-27J3AU Datasheet
250Kb / 1P
3-Port Audio Stereo, mPCIe, 3.5 mm Jack
27-Jun-2018
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com