Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP-35401 Datasheet (PDF) - CUI Devices

SP-35401 Datasheet PDF - CUI Devices
Part # SP-35401
Download  SP-35401 Download
File Size   234.11 Kbytes
Page   2 Pages
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices
Description 3.5 MM STEREO PLUG

SP-35401 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP-35401 Datasheet PDF - CUI Devices

Part # SP-35401
Download  SP-35401 Click to download

File Size   234.11 Kbytes
Page   2 Pages
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices
Description 3.5 MM STEREO PLUG

SP-35401 Datasheet (HTML) - CUI Devices


SP-35401 Product details

FEATURES
• 4 conductor
• modular strain relief




Similar Part No. - SP-35401

ManufacturerPart #DatasheetDescription
logo
CUI INC
SP-35401 CUI-SP-35401 Datasheet
143Kb / 2P
3.5 mm STEREO PLUG
More results


Similar Description - SP-35401

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-00336 TENSILITY-10-00336 Datasheet
74Kb / 2P
Cable, 1830 mm, 3.5 mm 50-00086 slim stereo plug to stripped tinned, 28 AWG, shielded, white
10-00345 TENSILITY-10-00345 Datasheet
123Kb / 2P
Cable, 1830 mm, 3.5 mm 50-00038 slim stereo plug to stripped tinned, 28 AWG, shielded
CA-2208 TENSILITY-CA-2208 Datasheet
132Kb / 2P
Cable, 1830 mm, 3.5 mm right angle stereo plug to stripped tinned, 24 AWG, round wire, shielded
50-00086 TENSILITY-50-00086 Datasheet
343Kb / 2P
Connector, stereo plug, 3.5 mm, brass, nickel plated, white insulators
logo
List of Unclassifed Man...
ACB-2RCAMJ-0006 ETC2-ACB-2RCAMJ-0006 Datasheet
78Kb / 1P
Stereo Audio Cable RCA Male to 3.5-mm Male, 6-ft.
logo
CUI INC
SP-35401 CUI-SP-35401 Datasheet
143Kb / 2P
3.5 mm STEREO PLUG
SP-25401 CUI-SP-25401 Datasheet
137Kb / 2P
2.5 mm STEREO PLUG
logo
REAN
NYS231 REAN-NYS231 Datasheet
220Kb / 4P
Stereo 3 pole 3.5 mm plug, crimp strain relief
09.12.2021
NYS240 REAN-NYS240 Datasheet
98Kb / 2P
Stereo 3 pole 3.5 mm cable jack
09.12.2021
logo
Advantech Co., Ltd.
PCM-27J3AU ADVANTECH-PCM-27J3AU Datasheet
250Kb / 1P
3-Port Audio Stereo, mPCIe, 3.5 mm Jack
27-Jun-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com