Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP-35401 Datasheet(PDF) 1 Page - CUI Devices

Part # SP-35401
Description  3.5 MM STEREO PLUG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SP-35401 Datasheet(HTML) 1 Page - CUI Devices

  SP-35401 Datasheet HTML 1Page - CUI Devices SP-35401 Datasheet HTML 2Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
date 10/11/2019
page 1 of 2
MODEL: SP-35401
│ DESCRIPTION: 3.5 MM STEREO PLUG
cuidevices.com
(3 PLCS) 0.10
0.70
8.50
0.028
0.335
0.118
0.05
0.126
0.20
3.20
3.00
5.50 0.217
0.20
0.400.016
0.10
RING 2
RING 1
M8x0.75
1.00
1.00
0.039
R0.2 0.008
0.1
0.039
0.20
0.098
0.10
2.50
14.00 0.551
0.126
0.10
0.138
0.05
9.00
0.10
0.354
0.039
52.50
3.50
1.00
2.067
3.20
0.40 0.016
0.10
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
contact resistance
30
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
at 50/60Hz for 1 minute
500
Vac
operating temperature
-25
70
°C
RoHS
yes
FEATURES
• 4 conductor
• modular strain relief
RoHS
Note:
1. All specifications measured at 10~35°C with a relative humidity of 45~85% under standard atmospheric pressure unless otherwise specified.
MECHANICAL DRAWING
MATERIAL
PLATING
tip
brass
nickel
insulator
ABS
black color
ring (1)
brass
nickel
ring (2)
brass
nickel
sleeve
brass
nickel
earth terminal
brass
nickel
body
PVC or TPR
black color
units: mm[inches]
tolerance: ±0.3mm
unless otherwise specified
Additional Resources: Product Page | 3D Model


Similar Part No. - SP-35401

ManufacturerPart #DatasheetDescription
logo
CUI INC
SP-35401 CUI-SP-35401 Datasheet
143Kb / 2P
3.5 mm STEREO PLUG
More results

Similar Description - SP-35401

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-00336 TENSILITY-10-00336 Datasheet
74Kb / 2P
Cable, 1830 mm, 3.5 mm 50-00086 slim stereo plug to stripped tinned, 28 AWG, shielded, white
10-00345 TENSILITY-10-00345 Datasheet
123Kb / 2P
Cable, 1830 mm, 3.5 mm 50-00038 slim stereo plug to stripped tinned, 28 AWG, shielded
CA-2208 TENSILITY-CA-2208 Datasheet
132Kb / 2P
Cable, 1830 mm, 3.5 mm right angle stereo plug to stripped tinned, 24 AWG, round wire, shielded
50-00086 TENSILITY-50-00086 Datasheet
343Kb / 2P
Connector, stereo plug, 3.5 mm, brass, nickel plated, white insulators
logo
List of Unclassifed Man...
ACB-2RCAMJ-0006 ETC2-ACB-2RCAMJ-0006 Datasheet
78Kb / 1P
Stereo Audio Cable RCA Male to 3.5-mm Male, 6-ft.
logo
CUI INC
SP-35401 CUI-SP-35401 Datasheet
143Kb / 2P
3.5 mm STEREO PLUG
SP-25401 CUI-SP-25401 Datasheet
137Kb / 2P
2.5 mm STEREO PLUG
logo
REAN
NYS231 REAN-NYS231 Datasheet
220Kb / 4P
Stereo 3 pole 3.5 mm plug, crimp strain relief
09.12.2021
NYS240 REAN-NYS240 Datasheet
98Kb / 2P
Stereo 3 pole 3.5 mm cable jack
09.12.2021
logo
Advantech Co., Ltd.
PCM-27J3AU ADVANTECH-PCM-27J3AU Datasheet
250Kb / 1P
3-Port Audio Stereo, mPCIe, 3.5 mm Jack
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com