Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN8746 Datasheet (PDF) - Panasonic Semiconductor

AN8746 Datasheet PDF - Panasonic Semiconductor
Part # AN8746
Download  AN8746 Download
File Size   53.26 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description PWM driver IC for portable CD player

AN8746 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN8746 Datasheet PDF - Panasonic Semiconductor

Part # AN8746
Download  AN8746 Click to download

File Size   53.26 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description PWM driver IC for portable CD player

AN8746 Datasheet (HTML) - Panasonic Semiconductor


AN8746 Product details

■ Overview
The AN8746SA is a 4-channel actuator/motor drive IC by DMOS direct PWM method for a portable CD player.

■ Features
• RON = 1.8 Ω (typ.)
• Supply voltage range
    (Control block: 2.0 V to 3.6 V, power block: 1.2 V to 3.6 V)
• Current at standby
    (Control block: 1 µA or less, power block: 1 µA or less)
• With an output pin of monitoring 1/2 of the power supply voltage

■ Applications
• Portable CD player




Similar Part No. - AN8746

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN874 MAXIM-AN874 Datasheet
44Kb / 6P
Using the MAX6950 and the MAX6951 LED Display Drivers with Multiplex Dual-Digit Displays
Apr 01, 2002
logo
STMicroelectronics
AN874 STMICROELECTRONICS-AN874 Datasheet
47Kb / 3P
HIGH FREQUENCIES DAMPER DIODES
More results


Similar Description - AN8746

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2058F TOSHIBA-TA2058F Datasheet
405Kb / 11P
POWER DRIVER IC FOR CD PLAYER
TA2092N TOSHIBA-TA2092N Datasheet
263Kb / 6P
POWER DRIVER IC FOR CD PLAYER
TA8192F TOSHIBA-TA8192F Datasheet
224Kb / 6P
POWER DRIVER IC FOR CD PLAYER
TA2125AF TOSHIBA-TA2125AF Datasheet
101Kb / 7P
Power Driver IC for CD Player
logo
Sanyo Semicon Device
LB8107M SANYO-LB8107M Datasheet
242Kb / 10P
Portable CD Player Actuator Driver
logo
Mitsumi Electronics, Co...
MM1538 MITSUMI-MM1538 Datasheet
894Kb / 24P
4ch Moter driver IC for Portable CD Player
logo
Toshiba Semiconductor
TA2092AN TOSHIBA-TA2092AN Datasheet
207Kb / 7P
Power Driver IC for CD Player
TA2092N TOSHIBA-TA2092N_01 Datasheet
165Kb / 7P
Power Driver IC for CD Player
TA2125AF TOSHIBA-TA2125AF_03 Datasheet
118Kb / 7P
Power Driver IC for CD Player
logo
Silan Microelectronics ...
SA5901 SILAN-SA5901 Datasheet
386Kb / 24P
4-CHANNEL MOTOR DRIVER FOR PORTABLE CD PLAYER
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com