Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEL185B Datasheet (PDF) - Protek Devices

TEL185B Datasheet PDF - Protek Devices
Part # TEL185B
Download  TEL185B Download
File Size   108.75 Kbytes
Page   3 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description TELEPHONE INTERFACE PROTECTOR

TEL185B Datasheet (PDF)

Go To PDF Page Download Datasheet
TEL185B Datasheet PDF - Protek Devices

Part # TEL185B
Download  TEL185B Click to download

File Size   108.75 Kbytes
Page   3 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description TELEPHONE INTERFACE PROTECTOR

TEL185B Datasheet (HTML) - Protek Devices


TEL185B Product details

DESCRIPTION
The TEL185B/E is a two-stage transient voltage protector that provides primary and secondary protecton against lightning, inductve switching and electrostatc discharge (ESD) transient threats. The frst stage diverts the transient current through the ground terminal return path and the second stage clamps the voltage to a safe level without inter rupton of service.
The TEL185B/E is designed to protect telcom lines from common mode (line-to-ground) transients. There are four (4) independent lines referenced to the ground terminals.

FEATURES
• Compatble with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatble with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatble with IEC 61000-4-5 (Surge): 95A, 8/20µs, Level 4 (Line
   Gnd) & 48A, Level 4 (Line-Line)
• Designed for ±185 Volt (Peak) Telephone Lines
• 4 Wire, Line-to-Ground Protecton
• Permanent Two-Stage Protecton
• Subnanosecond Response Time
• Automatc Reset - Does Not Interrupt Service
• Effectve Against Lightning, Inductve Switching and ESD

APPLICATIONS
• Telcom Equipment Connected to Telcom Lines
• Line Connected Modems and Fax Machines
• Remote Telephone Extensions
• Private Wire/Leased Phone Lines




Similar Part No. - TEL185B

ManufacturerPart #DatasheetDescription
logo
Protek Devices
TEL185B PROTEC-TEL185B Datasheet
441Kb / 5P
TELEPHONE INTERFACE PROTECTOR
TEL185B PROTEC-TEL185B_10 Datasheet
441Kb / 5P
TELEPHONE INTERFACE PROTECTOR
TEL185B PROTEC-TEL185B_12 Datasheet
442Kb / 5P
TELEPHONE INTERFACE PROTECTOR
More results


Similar Description - TEL185B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
TELEPHONE LINE INTERFACE
logo
NXP Semiconductors
UBA1706 PHILIPS-UBA1706 Datasheet
197Kb / 28P
Cordless telephone line interface
1999 Jun 04
logo
Protek Devices
TEL50B PROTEC-TEL50B Datasheet
108Kb / 3P
PBX LOW VOLTAGE TELEPHONE PROTECTOR
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
logo
Protek Devices
TEL50B PROTEC-TEL50B_10 Datasheet
441Kb / 5P
PBX LOW VOLTAGE TELEPHONE PROTECTOR
TEL185B PROTEC-TEL185B_10 Datasheet
441Kb / 5P
TELEPHONE INTERFACE PROTECTOR
TEL50B PROTEC-TEL50B_12 Datasheet
442Kb / 5P
PBX LOW VOLTAGE TELEPHONE PROTECTOR
TEL185B PROTEC-TEL185B_12 Datasheet
442Kb / 5P
TELEPHONE INTERFACE PROTECTOR
logo
Red Lion Controls. Inc
SP-TELCO REDLION-SP-TELCO Datasheet
275Kb / 1P
Telephone Line Surge and Lightning Protector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com