Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEL50B Datasheet (PDF) - Protek Devices

TEL50B Datasheet PDF - Protek Devices
Part # TEL50B
Download  TEL50B Download
File Size   108.54 Kbytes
Page   3 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description PBX LOW VOLTAGE TELEPHONE PROTECTOR

TEL50B Datasheet (PDF)

Go To PDF Page Download Datasheet
TEL50B Datasheet PDF - Protek Devices

Part # TEL50B
Download  TEL50B Click to download

File Size   108.54 Kbytes
Page   3 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description PBX LOW VOLTAGE TELEPHONE PROTECTOR

TEL50B Datasheet (HTML) - Protek Devices


TEL50B Product details

DESCRIPTION
The TEL50B/E is a two-stage transient voltage protector that provides primary and secondary protection against lightning, inductive switching and electrostatic discharge (ESD) transient threats. The first stage diverts the transient current through the ground terminal return path and the second stage clamps the voltage to a safe level without interruption of service.

FEATuREs
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 95A, 8/20µs, Level 4 (Line-Gnd) & 48A, Level 4 (Line-Line)
• Designed for ±50 Volt (Peak) Telephone Lines
• 4 Wire, Line-to-Ground Protection
• Permanent Two-Stage Protection
• Subnanosecond Response Time
• Automatic Reset - Does Not Interrupt Service
• Effective Against Lightning, Inductive Switching and ESD

APPLiCATiONs
• Telcom Terminal Equipment
• Data/Telcom Interfaces
• Dedicated Fax & Modems




Similar Part No. - TEL50B

ManufacturerPart #DatasheetDescription
logo
Protek Devices
TEL50B PROTEC-TEL50B Datasheet
441Kb / 5P
PBX LOW VOLTAGE TELEPHONE PROTECTOR
TEL50B PROTEC-TEL50B_10 Datasheet
441Kb / 5P
PBX LOW VOLTAGE TELEPHONE PROTECTOR
TEL50B PROTEC-TEL50B_12 Datasheet
442Kb / 5P
PBX LOW VOLTAGE TELEPHONE PROTECTOR
More results


Similar Description - TEL50B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP227A TOSHIBA-TLP227A Datasheet
133Kb / 6P
CORDLESS TELEPHONE PBX MODEM
TLP227G TOSHIBA-TLP227G Datasheet
74Kb / 4P
CORDLESS TELEPHONE PBX MODEM
logo
Protek Devices
TEL185B PROTEC-TEL185B Datasheet
108Kb / 3P
TELEPHONE INTERFACE PROTECTOR
TEL50B PROTEC-TEL50B_10 Datasheet
441Kb / 5P
PBX LOW VOLTAGE TELEPHONE PROTECTOR
TEL185B PROTEC-TEL185B_10 Datasheet
441Kb / 5P
TELEPHONE INTERFACE PROTECTOR
TEL50B PROTEC-TEL50B_12 Datasheet
442Kb / 5P
PBX LOW VOLTAGE TELEPHONE PROTECTOR
TEL185B PROTEC-TEL185B_12 Datasheet
442Kb / 5P
TELEPHONE INTERFACE PROTECTOR
logo
Toshiba Semiconductor
TLP597G TOSHIBA-TLP597G_14 Datasheet
210Kb / 6P
Cordless Telephone PBX Modem
TLP597GA TOSHIBA-TLP597GA_14 Datasheet
224Kb / 6P
Cordless Telephone PBX Modem
TLP797GA TOSHIBA-TLP797GA_14 Datasheet
136Kb / 5P
Cordless Telephone PBX MODEM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com