Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP227A Datasheet (PDF) - Toshiba Semiconductor

TLP227A Datasheet PDF - Toshiba Semiconductor
Part # TLP227A
Download  TLP227A Download
File Size   133.9 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CORDLESS TELEPHONE PBX MODEM

TLP227A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP227A Datasheet PDF - Toshiba Semiconductor

Part # TLP227A
Download  TLP227A Click to download

File Size   133.9 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CORDLESS TELEPHONE PBX MODEM

TLP227A Datasheet (HTML) - Toshiba Semiconductor


TLP227A Product details

CORDLESS TELEPHONE
PBX
MODEM

The TOSHIBA TLP227A series consist of a gallium arsenide infrared emitting diode optically coupled to a photo-MOS FET in a plastic DIP package.
The TLP227A series are a bi-directional switch, which can replace mechanical relays in many applications.

FEATURES
• TLP227A : 4 pin DIP (DIP4)
                 1 Channel Type (1 Form A)
• TLP227A-2 : 8 pin DIP (DIP8)
                  2 Channel Type (2 Form A)
• Peak Off-State Voltage : 60 V (MIN.)
• Trigger LED Current : 3 mA (MAX.)
• On-State Current : 500 mA (MAX.)
• On-State Resistance : 2Ω(MAX.)
• Isolation Voltage : 2500 Vrms (MIN.)
• UL Recognized : UL1577, File No. E67349




Similar Part No. - TLP227A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP227G TOSHIBA-TLP227G Datasheet
74Kb / 4P
CORDLESS TELEPHONE PBX MODEM
TLP227G TOSHIBA-TLP227G Datasheet
217Kb / 6P
Photo Relay
TLP227G-2 TOSHIBA-TLP227G-2 Datasheet
74Kb / 4P
CORDLESS TELEPHONE PBX MODEM
TLP227G-2 TOSHIBA-TLP227G-2 Datasheet
217Kb / 6P
Photo Relay
TLP227G-2N TOSHIBA-TLP227G-2N Datasheet
74Kb / 4P
CORDLESS TELEPHONE PBX MODEM
More results


Similar Description - TLP227A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
Cordless Telephones PBX Modems
logo
OKI electronic componet...
MSM7557 OKI-MSM7557 Datasheet
153Kb / 25P
Single Chip MSK Modem with Compandor for Cordless Telephone
logo
Toshiba Semiconductor
TLP227G TOSHIBA-TLP227G Datasheet
74Kb / 4P
CORDLESS TELEPHONE PBX MODEM
logo
OKI electronic componet...
MSM7532 OKI-MSM7532 Datasheet
154Kb / 21P
Single Chip MSK Modem with Compandor for Cordless Telephone
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
Cordless Telephone
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
Cordless Telephone
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
Cordless Telephones PBX Modems
TLP597G TOSHIBA-TLP597G_14 Datasheet
210Kb / 6P
Cordless Telephone PBX Modem
TLP597GA TOSHIBA-TLP597GA_14 Datasheet
224Kb / 6P
Cordless Telephone PBX Modem
TLP797GA TOSHIBA-TLP797GA_14 Datasheet
136Kb / 5P
Cordless Telephone PBX MODEM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com