Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP222G Datasheet (PDF) - Toshiba Semiconductor

TLP222G Datasheet PDF - Toshiba Semiconductor
Part # TLP222G
Download  TLP222G Download
File Size   138.07 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Cordless Telephones PBX Modems

TLP222G Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP222G Datasheet PDF - Toshiba Semiconductor

Part # TLP222G
Download  TLP222G Click to download

File Size   138.07 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Cordless Telephones PBX Modems

TLP222G Datasheet (HTML) - Toshiba Semiconductor


TLP222G Product details

Cordless Telephones
PBX
Modems

The Toshiba TLP222G series consist of a gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET in a DIP package. The TLP222G series are a bi-directional switch, which can replace mechanical relays in many applications.

•  TLP222G: 4-pin DIP (DIP4), 1-channel type (1-form-A)
•  TLP222G-2: 8-pin DIP (DIP8), 2-channel type (2-form-A)
•  Peak Off-state voltage: 350 V (min)
•  Trigger LED current: 3 mA (max)
•  On-state current: 120 mA (max)
•  On-state resistance: 35 Ω(max, t < 1 s)
•  On-state resistance: 50 Ω(max, continuous)
•  Isolation voltage: 2500 Vrms (min)
•  BSI approved: BS EN60065:2002, certificate no.8773  BS EN60950-1:2002, certificate no.8774




Similar Part No. - TLP222G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G Datasheet
189Kb / 6P
Cordless Telephones
TLP222G-2 TOSHIBA-TLP222G-2 Datasheet
189Kb / 6P
Cordless Telephones
TLP222G-2 TOSHIBA-TLP222G-2 Datasheet
255Kb / 6P
Cordless Telephones PBX Modems
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
Cordless Telephones
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
Cordless Telephones PBX Modems
More results


Similar Description - TLP222G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP227A TOSHIBA-TLP227A Datasheet
133Kb / 6P
CORDLESS TELEPHONE PBX MODEM
TLP592G TOSHIBA-TLP592G Datasheet
133Kb / 6P
Telecommunications PBX Modems
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
Cordless Telephones
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
Cordless Telephones PBX Modems
TLP224G TOSHIBA-TLP224G_14 Datasheet
141Kb / 5P
Modems PBX Telecommunications
TLP592G TOSHIBA-TLP592G_14 Datasheet
248Kb / 6P
Telecommunications PBX Modems
TLP597G TOSHIBA-TLP597G_14 Datasheet
210Kb / 6P
Cordless Telephone PBX Modem
TLP597GA TOSHIBA-TLP597GA_14 Datasheet
224Kb / 6P
Cordless Telephone PBX Modem
TLP797GA TOSHIBA-TLP797GA_14 Datasheet
136Kb / 5P
Cordless Telephone PBX MODEM
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
Cordless Home Telephones
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com