Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7532 Datasheet (PDF) - OKI electronic componets

MSM7532 Datasheet PDF - OKI electronic componets
Part # MSM7532
Download  MSM7532 Download
File Size   154.2 Kbytes
Page   21 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Chip MSK Modem with Compandor for Cordless Telephone

MSM7532 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7532 Datasheet PDF - OKI electronic componets

Part # MSM7532
Download  MSM7532 Click to download

File Size   154.2 Kbytes
Page   21 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Chip MSK Modem with Compandor for Cordless Telephone

MSM7532 Datasheet (HTML) - OKI electronic componets


MSM7532 Product details

GENERAL DESCRIPTION
The MSM7532 is a baseband device with a modem function and a baseband voice signal processing function for analog cordless telephone. The voice signal transmitter in this IC consists of a high-pass filter, compressor, scrambler, pre-emphasis, limiter, and splatter filter.
The voice signal receiver consists of a bandpass filter, a de-scrambler , a de-emphasis, an expander, an electronic volume, and a ceramic receiver driving circuit.
The MODEM in this IC transmits and receives MSK (Minimum Shift Keying) modem signals.

FEATURES
• Built-in ceramic receiver drive amplifiers
• The compander input reference level, limiter level, and modem transmit level are easy to be externally adjusted.
• Built-in 2-bit electronic volume
• A microphone amplifier and an amplifier available for users are built in.
• Mode settings using parallel interfaces
• Built-in compander dynamic range: 70 dB
• Built-in maximum gain limit circuit for expander
• The bit rate of MSK modem is switchable between 2400 bps and 1200 bps.
• Scrambler and emphasis can be used by serially connecting them or can be used separately with each other.
• Three kinds of the reverse frequency of the scrambler are selectable.
• The modem receiver functions detect bit synchronous signals and frame synchronous signals.
• Four-step power down modes
• Built-in crystal oscillation circuit
• Wide range of power supply (1.8 V to 5.5 V)
• Package:
    56-pin plastic QFP (QFP56-P-910-0.65-2K) (Product name : MSM7532GS-2K)




Similar Part No. - MSM7532

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7533H OKI-MSM7533H Datasheet
140Kb / 18P
2ch Single Rail CODEC
MSM7533V OKI-MSM7533V Datasheet
140Kb / 18P
2ch Single Rail CODEC
logo
List of Unclassifed Man...
MSM7533V ETC2-MSM7533V Datasheet
1Mb / 20P
2ch Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7533V LAPIS-MSM7533V Datasheet
1Mb / 20P
2ch Single Rail CODEC
logo
OKI electronic componet...
MSM7534 OKI-MSM7534 Datasheet
140Kb / 18P
2ch Single Rail CODEC
More results


Similar Description - MSM7532

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6882-3 OKI-MSM6882-3 Datasheet
119Kb / 15P
2400/1200 bps Single Chip MSK Modem
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
1200 bps Single Chip MSK Modem
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
OKI electronic componet...
MSM7557 OKI-MSM7557 Datasheet
153Kb / 25P
Single Chip MSK Modem with Compandor for Cordless Telephone
logo
Toshiba Semiconductor
TLP227A TOSHIBA-TLP227A Datasheet
133Kb / 6P
CORDLESS TELEPHONE PBX MODEM
TLP227G TOSHIBA-TLP227G Datasheet
74Kb / 4P
CORDLESS TELEPHONE PBX MODEM
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
logo
Toshiba Semiconductor
TLP597G TOSHIBA-TLP597G_14 Datasheet
210Kb / 6P
Cordless Telephone PBX Modem
TLP597GA TOSHIBA-TLP597GA_14 Datasheet
224Kb / 6P
Cordless Telephone PBX Modem
TLP797GA TOSHIBA-TLP797GA_14 Datasheet
136Kb / 5P
Cordless Telephone PBX MODEM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com