Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7557 Datasheet (PDF) - OKI electronic componets

MSM7557 Datasheet PDF - OKI electronic componets
Part # MSM7557
Download  MSM7557 Download
File Size   153.02 Kbytes
Page   25 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Chip MSK Modem with Compandor for Cordless Telephone

MSM7557 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7557 Datasheet PDF - OKI electronic componets

Part # MSM7557
Download  MSM7557 Click to download

File Size   153.02 Kbytes
Page   25 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Chip MSK Modem with Compandor for Cordless Telephone

MSM7557 Datasheet (HTML) - OKI electronic componets


MSM7557 Product details

GENERAL DESCRIPTION
The MSM7557 is a single chip MSK modem with base band voice processor for cordless telephone. The MSM7557 voice transmit block consists of high pass filter, compressor, pre-emphasis, limiter and splatter filter.
Voice receive block consists of Band pass filter, De-emphasis and Expander.

FEATURES
• Available to transmit modem signal and also transmit base band voice signal through wireless transmission path (0.3 kHz to 3.4 kHz)
• Built-in compandor circuit• Upper limit of voice band (3306 Hz/3400 Hz/3500 Hz) is selectable
• Modem bit rate (2400/1200 bps) is selectable
• Transmit function and receive function operate separately
• Emphasis mode selectable
• Built-in bit synchronous detector and frame synchronous detector
• Built-in limiter level generator and external limit voltage input• Dynamic range selectable
• Built-in crystal oscillator circuit• Wide range power supply voltage (2.7V ~ 5.5V)
• Package : 56-pin plastic QFP (QFP56-P-910-0.65-2K) (Product name : MSM7557GS-2K)




Similar Part No. - MSM7557

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7502 OKI-MSM7502 Datasheet
196Kb / 35P
Multi-Function PCM CODEC
MSM7503 OKI-MSM7503 Datasheet
242Kb / 41P
Multi-Function PCM CODEC
MSM7503GS-BK OKI-MSM7503GS-BK Datasheet
242Kb / 41P
Multi-Function PCM CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7507-01GS-K OKI-MSM7507-01GS-K Datasheet
139Kb / 18P
Single Rail CODEC
More results


Similar Description - MSM7557

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6882-3 OKI-MSM6882-3 Datasheet
119Kb / 15P
2400/1200 bps Single Chip MSK Modem
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
1200 bps Single Chip MSK Modem
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TLP227A TOSHIBA-TLP227A Datasheet
133Kb / 6P
CORDLESS TELEPHONE PBX MODEM
TLP227G TOSHIBA-TLP227G Datasheet
74Kb / 4P
CORDLESS TELEPHONE PBX MODEM
28-Jan-2003
logo
OKI electronic componet...
MSM7532 OKI-MSM7532 Datasheet
154Kb / 21P
Single Chip MSK Modem with Compandor for Cordless Telephone
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
logo
Toshiba Semiconductor
TLP597G TOSHIBA-TLP597G_14 Datasheet
210Kb / 6P
Cordless Telephone PBX Modem
TLP597GA TOSHIBA-TLP597GA_14 Datasheet
224Kb / 6P
Cordless Telephone PBX Modem
TLP797GA TOSHIBA-TLP797GA_14 Datasheet
136Kb / 5P
Cordless Telephone PBX MODEM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com