Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7503 Datasheet (PDF) - OKI electronic componets

MSM7503 Datasheet PDF - OKI electronic componets
Part # MSM7503
Download  MSM7503 Download
File Size   242.79 Kbytes
Page   41 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Multi-Function PCM CODEC

MSM7503 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7503 Datasheet PDF - OKI electronic componets

Part # MSM7503
Download  MSM7503 Click to download

File Size   242.79 Kbytes
Page   41 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Multi-Function PCM CODEC

MSM7503 Datasheet (HTML) - OKI electronic componets


MSM7503 Product details

GENERAL DESCRIPTION

The MSM7503 is a high performance, low power CODEC LSI device integrating a 2-wire time division transmission (ping-pong transmission) interface function and has a basic function of man-machine interface to that of the MSM7502.

The MSM7503 operates from single 5 V power supply and is ideal for digital telephone terminals such as pushbutton telephone sets and digital PBXs.



FEATURES

• Single +5 V Power Supply

• Low Power Dissipation

   Power ON Mode : 50 mW Typ.  100 mW Max.

   Power Down Mode : 15 mW Typ.    30 mW Max.

• Pin-Pong Transmission : Burst of 8 kHz, Transmission of 256 kbps,

                                  AMI coding, 2-wire time division transmission

• Transmission data configuration : Transmit Start bit (1 bit), K-bit (1 bit),

                                                          Control bit (2 bits), Voice bit (8 bits),

                                                          DC balance bit (1 bit), totalling 13 bits

                                              Receive Sync bit (4 bits), K-bit (1 bit),

                                                          Control bit (2 bits), Voice bit (8 bits),

                                                          DC balance bit (1 bit), totalling 16 bits

• Control Data Interface supports synchronous and asynchronous communications

• Built-in Power-on Reset by the power supply voltage monitoring

• Output of the ping-pong transmission monitoring signal

• CODEC complied by the ITU-T companding law

• Calling Tone Interval : Controlled by processor

• Calling Tone Combination : Controlled by processor, 6 modes

• Calling Tone Volume : Controlled by processor, 4 modes

• Ringing Tone Interval : Controlled by processor

• Ringing Tone Frequency : Controlled by processor, 6 modes

• Ringing Tone Level : Controlled by processor, 4 levels

• Built-in PB Tone Generator

• Built-in Speech path Control Switches

• General Latch Output for External Control : 2 bits

• Watch-dog Timer : 500 ms




Similar Part No. - MSM7503

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7502 OKI-MSM7502 Datasheet
196Kb / 35P
Multi-Function PCM CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7507-01GS-K OKI-MSM7507-01GS-K Datasheet
139Kb / 18P
Single Rail CODEC
MSM7507-01MS-K OKI-MSM7507-01MS-K Datasheet
139Kb / 18P
Single Rail CODEC
MSM7507-02 OKI-MSM7507-02 Datasheet
139Kb / 18P
Single Rail CODEC
More results


Similar Description - MSM7503

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6895 OKI-MSM6895 Datasheet
224Kb / 43P
Multi-Function PCM CODEC
MSM7502 OKI-MSM7502 Datasheet
196Kb / 35P
Multi-Function PCM CODEC
MSM7570-01 OKI-MSM7570-01 Datasheet
173Kb / 26P
Multi-Function ADPCM CODEC
MSM7570L-01 OKI-MSM7570L-01 Datasheet
174Kb / 26P
Multi-Function ADPCM CODEC
MSM7575 OKI-MSM7575 Datasheet
261Kb / 26P
Multi-Function PCM CODEC
MSM7590L-01 OKI-MSM7590L-01 Datasheet
173Kb / 26P
Multi-Function ADPCM CODEC
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
PCM CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com