Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7502 Datasheet (PDF) - OKI electronic componets

MSM7502 Datasheet PDF - OKI electronic componets
Part # MSM7502
Download  MSM7502 Download
File Size   196.39 Kbytes
Page   35 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Multi-Function PCM CODEC

MSM7502 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7502 Datasheet PDF - OKI electronic componets

Part # MSM7502
Download  MSM7502 Click to download

File Size   196.39 Kbytes
Page   35 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Multi-Function PCM CODEC

MSM7502 Datasheet (HTML) - OKI electronic componets


MSM7502 Product details

GENERAL DESCRIPTION
The MSM7502, developed especially for low-power and multi-function applications in touchtone telephone sets and digital telephone terminals of digital PBXs, is a single +5 V power supply CODEC device. The device consists of the analog speech paths directly connectable to a handset, the calling circuit directly connectable to a piezosounder, the push-button key scanning interface between push buttons and control processors, the dial tone generator, them-law/A-law CODEC, and the processor interface. The functions can be controlled via 8-bit data bus.

FEATURES
• Single +5 V Power Supply
• Low Power Dissipation
    Power ON Mode : 30 mW Typ. 53 mW Max.
    Power Saving Mode : 2 mW Typ. 5 mW Max.
• In compliance with ITU-T’s companding law
• Transmission clocks : 64, 128, 256, 512, 1024, 2048 kHz
                                      96, 192, 384, 768, 1536, 1544 kHz
• Built-in PLL
• Built-in Reference Voltage Supply
• Calling Tone Interval : Controlled by processor
• Calling Tone Combination : Controlled by processor, 6 modes
• Calling Tone Volume : Controlled by processor, 4 modes
• Ringing Tone Interval : Controlled by processor
• Ringing Tone Frequency : Controlled by processor, 6 modes
• Ringing Tone Level : Controlled by processor, 4 levels
• Built-in PB Tone Generator
• Built-in Speech path Control Switches
• General Latch Output for External Control : 2 bits
• Watch-dog Timer : 500 ms
• Key Scanning I/O
    Output : 8 bits
    Input : 8 bits
• Direct Connection to Handset : 1.2 kW driving available
• Built-in Pre-amplifier for Loud-speaker
• Hand-free Interface
• m-law/A-law Switchable CODEC
• LCD Deflection Angle Voltage : Controlled by processor, 8 levels
• Package :
    80-pin plastic QFP (QFP80-P-1420-0.80-BK) (Product name : MSM7502GS-BK)




Similar Part No. - MSM7502

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7503 OKI-MSM7503 Datasheet
242Kb / 41P
Multi-Function PCM CODEC
MSM7503GS-BK OKI-MSM7503GS-BK Datasheet
242Kb / 41P
Multi-Function PCM CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7507-01GS-K OKI-MSM7507-01GS-K Datasheet
139Kb / 18P
Single Rail CODEC
MSM7507-01MS-K OKI-MSM7507-01MS-K Datasheet
139Kb / 18P
Single Rail CODEC
More results


Similar Description - MSM7502

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6895 OKI-MSM6895 Datasheet
224Kb / 43P
Multi-Function PCM CODEC
MSM7570-01 OKI-MSM7570-01 Datasheet
173Kb / 26P
Multi-Function ADPCM CODEC
MSM7570L-01 OKI-MSM7570L-01 Datasheet
174Kb / 26P
Multi-Function ADPCM CODEC
MSM7575 OKI-MSM7575 Datasheet
261Kb / 26P
Multi-Function PCM CODEC
MSM7590L-01 OKI-MSM7590L-01 Datasheet
173Kb / 26P
Multi-Function ADPCM CODEC
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
PCM CODEC
logo
OKI electronic componet...
MSM7503 OKI-MSM7503 Datasheet
242Kb / 41P
Multi-Function PCM CODEC
logo
Texas Instruments
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
PCM CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com