Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7575 Datasheet (PDF) - OKI electronic componets

MSM7575 Datasheet PDF - OKI electronic componets
Part # MSM7575
Download  MSM7575 Download
File Size   261.89 Kbytes
Page   26 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Multi-Function PCM CODEC

MSM7575 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7575 Datasheet PDF - OKI electronic componets

Part # MSM7575
Download  MSM7575 Click to download

File Size   261.89 Kbytes
Page   26 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Multi-Function PCM CODEC

MSM7575 Datasheet (HTML) - OKI electronic componets


MSM7575 Product details

GENERAL DESCRIPTION
The MSM7575, developed for advanced digital cordless telephone systems, is a single channel full duplex CODEC which performs mutual transcoding between the analog voice band signal and the 64 kbps PCM serial data.

FEATURES
• Single 3 V Power Supply Operation VDD: 2.7 V to ␣ 3.6 V
• Transmit/Receive Full-Duplex Single Channel Operation•
• Transmit/Receive Synchronous Mode Only
• PCM Interface Data Format : A-law/µ-law/linear (2s complement) Selectable
• Serial PCM Transmission Data Rate : 64 kbps to 2048 kbps•
• Low Power Consumption
    Operating Mode : 24 mW Typ. (VDD = 3.0 V)
    Power-Down Mode : 0.03 mW Typ. (VDD = 3.0 V)
• Two Analog Input Amplifier Stages: Externally Gain Adjustable•
• Analog Output Stage
    Push-pull Drive (direct drive of 350 Ω + 120 nF)
• Master Clock Frequency : 9.600/19.200 MHz Selectable•
• Transmit/Receive Mute, Transmit/Receive Programmable Gain Control
• Side Tone Path with Programmable Attenuation (8-step Level Adjustment)•
• Built-in DTMF Tone Generator
• Built-in Various Ringing Tones Generator•
• Built-in Various Ring Back Tone Generator
• Control by Serial MCU Interface•
• Built-in VOX Control
    Transmit side : Voice/Silence Signal Detect
    Receive side : Background Noise Generation
• Built-in Op-amps and Analog Switches for Various Analog Interfaces.•
• Package:
    64-pin plastic QFP (QFP64-P-1414-0.80-BK)(Product name : 7575GS-BK)




Similar Part No. - MSM7575

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7570 OKI-MSM7570 Datasheet
1Mb / 27P
5V Sinlge-Rail ADPCM CODECs
MSM7570-01 OKI-MSM7570-01 Datasheet
173Kb / 26P
Multi-Function ADPCM CODEC
MSM7570L-01 OKI-MSM7570L-01 Datasheet
174Kb / 26P
Multi-Function ADPCM CODEC
MSM7570L-02 OKI-MSM7570L-02 Datasheet
174Kb / 26P
Multi-Function ADPCM CODEC
MSM7570L-XX OKI-MSM7570L-XX Datasheet
174Kb / 26P
Multi-Function ADPCM CODEC
More results


Similar Description - MSM7575

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6895 OKI-MSM6895 Datasheet
224Kb / 43P
Multi-Function PCM CODEC
MSM7502 OKI-MSM7502 Datasheet
196Kb / 35P
Multi-Function PCM CODEC
MSM7570-01 OKI-MSM7570-01 Datasheet
173Kb / 26P
Multi-Function ADPCM CODEC
MSM7570L-01 OKI-MSM7570L-01 Datasheet
174Kb / 26P
Multi-Function ADPCM CODEC
MSM7590L-01 OKI-MSM7590L-01 Datasheet
173Kb / 26P
Multi-Function ADPCM CODEC
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
PCM CODEC
logo
OKI electronic componet...
MSM7503 OKI-MSM7503 Datasheet
242Kb / 41P
Multi-Function PCM CODEC
logo
Texas Instruments
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
PCM CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com