Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7534 Datasheet (PDF) - OKI electronic componets

MSM7534 Datasheet PDF - OKI electronic componets
Part # MSM7534
Download  MSM7534 Download
File Size   140.2 Kbytes
Page   18 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2ch Single Rail CODEC

MSM7534 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7534 Datasheet PDF - OKI electronic componets

Part # MSM7534
Download  MSM7534 Click to download

File Size   140.2 Kbytes
Page   18 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2ch Single Rail CODEC

MSM7534 Datasheet (HTML) - OKI electronic componets


MSM7534 Product details

GENERAL DESCRIPTION
The MSM7533 and MSM7534 are two-channel CODEC CMOS ICs for voice signals ranging from 300 to 3400 Hz. These devices contain filters for A/D and D/A conversion.
Designed especially for a single-power supply and low-power applications, these devices contain two-channel AD/DA converters in a single chip and achieve a reduced footprint and a reduced number of external components.
The MSM7533 and MSM7534 are best suited for an analog interface to an echo canceller DSP used in digital telephone terminals, digital PABXs, and hands free terminals.

FEATURES
• Single power supply: +5 V
• Power consumption
    Operating mode: 35 mW Typ. 74 mW Max. VDD = 5 V
    Power save mode: 7 mW Typ. 16 mW Max. VDD = 5 V
    Power down mode: 0.05 mW Typ. 0.3 mW Max. VDD = 5 V
• ITU-T Companding law
    MSM7533H: m-law
    MSM7534: A-law
    MSM7533V: m/A-law pin selectable
• Built-in PLL eliminates a master clock
• The PCM interface can be switched between 2 channel serial/parallel
• Transmission clock: 64/128/256/512/1024/2048 kHz
                                   96/192/384/768/1536/1544/200 kHz
                                   (During 2 channel serial mode, the 64 and 96 kHz clocks are disabled)
• Adjustable transmit gain
• Built-in reference voltage supply
• Analog output can directly drive a 600 W line transformer
• Package options:
    20-pin plastic skinny DIP (DIP20-P-300-2.54-S1) (Product name : MSM7533HRS)
                                                                                  (Product name : MSM7533VRS)
                                                                                  (Product name : MSM7534RS)
    24-pin plastic SOP (SOP24-P-430-1.27-K) (Product name : MSM7533HGS-K)
                                                                         (Product name : MSM7533VGS-K)
                                                                         (Product name : MSM7534GS-K)




Similar Part No. - MSM7534

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7532 OKI-MSM7532 Datasheet
154Kb / 21P
Single Chip MSK Modem with Compandor for Cordless Telephone
MSM7532GS-2K OKI-MSM7532GS-2K Datasheet
154Kb / 21P
Single Chip MSK Modem with Compandor for Cordless Telephone
logo
List of Unclassifed Man...
MSM7533V ETC2-MSM7533V Datasheet
1Mb / 20P
2ch Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7533V LAPIS-MSM7533V Datasheet
1Mb / 20P
2ch Single Rail CODEC
More results


Similar Description - MSM7534

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
Single Rail CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7704-01 OKI-MSM7704-01 Datasheet
123Kb / 17P
2ch Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
Single Rail CODEC
logo
List of Unclassifed Man...
MSM7533V ETC2-MSM7533V Datasheet
1Mb / 20P
2ch Single Rail CODEC
MSM7704-01 ETC2-MSM7704-01 Datasheet
1Mb / 19P
2ch Single Rail CODEC
MSM7704-01 ETC2-MSM7704-01 Datasheet
1Mb / 19P
2ch Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7533V LAPIS-MSM7533V Datasheet
1Mb / 20P
2ch Single Rail CODEC
MSM7704-01 LAPIS-MSM7704-01 Datasheet
1Mb / 19P
2ch Single Rail CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com