Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7704-01 Datasheet (PDF) - LAPIS Semiconductor Co., Ltd.

MSM7704-01 Datasheet PDF - LAPIS Semiconductor Co., Ltd.
Part # MSM7704-01
Download  MSM7704-01 Download
File Size   1418.26 Kbytes
Page   19 Pages
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.
Description 2ch Single Rail CODEC

MSM7704-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7704-01 Datasheet PDF - LAPIS Semiconductor Co., Ltd.

Part # MSM7704-01
Download  MSM7704-01 Click to download

File Size   1418.26 Kbytes
Page   19 Pages
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.
Description 2ch Single Rail CODEC

MSM7704-01 Datasheet (HTML) - LAPIS Semiconductor Co., Ltd.


MSM7704-01 Product details

GENERAL DESCRIPTION

The MSM7704-01 is two-channel CODEC CMOS ICs for voice signals ranging from 300 to 3400 Hz. These devices contain filters for A/D and D/A conversion.

Designed especially for a single-power supply and low-power applications, these devices contain two-channel AD/DA converters in a single chip and achieve a reduced footprint and a reduced number of external components.

The MSM7704-01 is best suited for an analog interface to an echo canceller DSP used in digital telephone terminals, digital PABXs, and hands free terminals.



FEATURES

• Single power supply: +2.7 V to +3.8 V

• Power consumption

   Operating mode: 30 mW Typ. 50 mW Max.

   Power-saving mode: 3 mW Typ. 6 mW Max.

   Power-down mode: 0.03 mW Typ. 0.3 mW Max.

• ITU-T Companding law

   MSM7704-01: μ/A-law pin-selectable

• Built-in PLL eliminates a master clock

• The PCM interface can be switched between 2 channel serial/parallel

• Transmission clock:64/128/256/512/1024/2048 kHz 96/192/384/768/1536/1544/200 kHz

                           (During 2 channel serial mode, the 64 and 96 kHz clocks are disabled)

• Adjustable transmit gain

• Built-in reference voltage supply

• Analog output can directly drive a 1.2 kW load

• Package:

   24-pin plastic SOP (SOP24-P-430-1.27-K)



 




Similar Part No. - MSM7704-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7704-01 OKI-MSM7704-01 Datasheet
123Kb / 17P
2ch Single Rail CODEC
logo
List of Unclassifed Man...
MSM7704-01 ETC2-MSM7704-01 Datasheet
1Mb / 19P
2ch Single Rail CODEC
MSM7704-01 ETC2-MSM7704-01 Datasheet
1Mb / 19P
2ch Single Rail CODEC
More results


Similar Description - MSM7704-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
Single Rail CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7533H OKI-MSM7533H Datasheet
140Kb / 18P
2ch Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7704-01 OKI-MSM7704-01 Datasheet
123Kb / 17P
2ch Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
Single Rail CODEC
logo
List of Unclassifed Man...
MSM7533V ETC2-MSM7533V Datasheet
1Mb / 20P
2ch Single Rail CODEC
MSM7704-01 ETC2-MSM7704-01 Datasheet
1Mb / 19P
2ch Single Rail CODEC
MSM7704-01 ETC2-MSM7704-01 Datasheet
1Mb / 19P
2ch Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7533V LAPIS-MSM7533V Datasheet
1Mb / 20P
2ch Single Rail CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com