Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3089 Datasheet (PDF) - Analog Devices

ADP3089 Datasheet PDF - Analog Devices
Part # ADP3089
Download  ADP3089 Download
File Size   103.25 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MHz, 1 A Buck Regulator

ADP3089 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3089 Datasheet PDF - Analog Devices

Part # ADP3089
Download  ADP3089 Click to download

File Size   103.25 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MHz, 1 A Buck Regulator

ADP3089 Datasheet (HTML) - Analog Devices


ADP3089 Product details

GENERAL DESCRIPTION
The ADP3089 is a high frequency, non-synchronous PWM step-down DC-DC regulator with an integrated 1.5 A power switch in a space-saving chip scale package. It provides high efficiency, excellent dynamic response, and is very simple to use.

FEATURES
   1 MHz PWM Frequency
   Ultrasmall 8-lead 3×3 Sq. mm Chip Scale Package
   Automatic PWM to Power Saving Mode at Light Load
   Fully Integrated 1.5 A Power Switch
   3% Output Regulation Accuracy over Temperature,
      Line, and Load
   100% Duty Cycle Operation
   Simple Compensation
   Output Voltage: 1.25 V to 10 V
   Small Inductor and MLC Capacitors
   Low Quiescent Current while Pulse Skipping
   Thermal Shutdown
   Fully Integrated Soft Start
   Cycle-by-cycle Current Limit

APPLICATONS
   PDAs and Palmtop Computers
   Notebook Computers
   PCMCIA Cards
   Bus Products
   Portable Instruments
   Industrial Systems




Similar Part No. - ADP3089

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3088 AD-ADP3088 Datasheet
623Kb / 11P
1 MHz, 750 mA Buck Regulator
ADP3088 AD-ADP3088 Datasheet
759Kb / 16P
1 MHz, 750 mA Buck Regulator
REV. C
ADP3088ARM AD-ADP3088ARM Datasheet
623Kb / 11P
1 MHz, 750 mA Buck Regulator
ADP3088ARM-REEL AD-ADP3088ARM-REEL Datasheet
759Kb / 16P
1 MHz, 750 mA Buck Regulator
REV. C
ADP3088ARM-REEL7 AD-ADP3088ARM-REEL7 Datasheet
759Kb / 16P
1 MHz, 750 mA Buck Regulator
REV. C
More results


Similar Description - ADP3089

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
NCP1597B ONSEMI-NCP1597B Datasheet
168Kb / 9P
1 MHz, 2 A Synchronous Buck Regulator
October, 2009 ??Rev. P0
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1595 ONSEMI-NCP1595_12 Datasheet
348Kb / 13P
1 MHz, 1.5 A Synchronous Buck Regulator
March, 2012 ??Rev. 9
NCP1595AMNTWG ONSEMI-NCP1595AMNTWG Datasheet
347Kb / 13P
1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
FAN53601 ONSEMI-FAN53601 Datasheet
763Kb / 16P
6 MHz, 600mA / 1 A Synchronous Buck Regulator
December-2017, Rev. 2
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com