Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3088 Datasheet (PDF) - Analog Devices

ADP3088 Datasheet PDF - Analog Devices
Part # ADP3088
Download  ADP3088 Download
File Size   623.24 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MHz, 750 mA Buck Regulator

ADP3088 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3088 Datasheet PDF - Analog Devices

Part # ADP3088
Download  ADP3088 Click to download

File Size   623.24 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MHz, 750 mA Buck Regulator

ADP3088 Datasheet (HTML) - Analog Devices


ADP3088 Product details

GENERAL DESCRIPTION
The ADP3088 is a high frequency, non-synchronous PWM step-down DC-DC regulator with an integrated 1A power switch in a space-saving MSOP8 package. It provides high efficiency, excellent dynamic response, and is very simple to use.

FEATURES
   1 MHz PWM Frequency
   Automatic PWM to Power Saving Mode at Light Load
   Fully Integrated 1 A Power Switch
   3% Output Regulation Accuracy over Temperature,
      Line, and Load
   100% Duty Cycle Operation
   Simple Compensation
   Output Voltage: 1.25 V to 10.5 V
   Small Inductor and MLC Capacitors
   Low Quiescent Current while Pulse Skipping
   Thermal Shutdown
   Fully Integrated Soft Start
   Cycle-by-cycle Current Limit

APPLICATONS
   PDAs and Palmtop Computers
   Notebook Computers
   PCMCIA Cards
   Bus Products
   Portable Instruments




Similar Part No. - ADP3088

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3088 AD-ADP3088 Datasheet
759Kb / 16P
1 MHz, 750 mA Buck Regulator
REV. C
ADP3088ARM-REEL AD-ADP3088ARM-REEL Datasheet
759Kb / 16P
1 MHz, 750 mA Buck Regulator
REV. C
ADP3088ARM-REEL7 AD-ADP3088ARM-REEL7 Datasheet
759Kb / 16P
1 MHz, 750 mA Buck Regulator
REV. C
ADP3088 AD-ADP3088_15 Datasheet
1Mb / 16P
1 MHz, 750 mA Buck Regulator
REV. C
More results


Similar Description - ADP3088

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3089 AD-ADP3089 Datasheet
103Kb / 4P
1 MHz, 1 A Buck Regulator
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
2.0 MHz, 500 mA Synchronous Buck Regulator
2007
logo
Analog Devices
ADP5022 AD-ADP5022 Datasheet
683Kb / 28P
Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
REV. A
logo
Fairchild Semiconductor
FAN53600 FAIRCHILD-FAN53600 Datasheet
1Mb / 16P
3 MHz, 600 mA / 1A Synchronous Buck Regulator
FAN53601 FAIRCHILD-FAN53601 Datasheet
996Kb / 14P
6 MHz 600 mA / 1 A Synchronous Buck Regulator
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
Analog Devices
ADP3088ARM-REEL7 AD-ADP3088ARM-REEL7 Datasheet
759Kb / 16P
1 MHz, 750 mA Buck Regulator
REV. C
ADP3088 AD-ADP3088_15 Datasheet
1Mb / 16P
1 MHz, 750 mA Buck Regulator
REV. C
logo
ON Semiconductor
FAN5361 ONSEMI-FAN5361 Datasheet
1Mb / 18P
6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com