Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3088 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3088
Description  1 MHz, 750 mA Buck Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3088 Datasheet(HTML) 1 Page - Analog Devices

  ADP3088 Datasheet HTML 1Page - Analog Devices ADP3088 Datasheet HTML 2Page - Analog Devices ADP3088 Datasheet HTML 3Page - Analog Devices ADP3088 Datasheet HTML 4Page - Analog Devices ADP3088 Datasheet HTML 5Page - Analog Devices ADP3088 Datasheet HTML 6Page - Analog Devices ADP3088 Datasheet HTML 7Page - Analog Devices ADP3088 Datasheet HTML 8Page - Analog Devices ADP3088 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary Technical Data
ADP3088
a
REV. PrK
3/28/02
Information furnished by Analog Devices is believed to be accurate and reli-
able. However, no responsibility is assumed by Analog Devices for its use, nor
for any infringements of patents or other rights of third parties which may
result from its use. No license is granted by implication or otherwise under any
patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
Analog Devices, Inc., 2002
1MHz,750mABuckRegulator
PRELIMINARY TECHNICAL DATA
FEATURES
1 MHz PWM Frequency
Automatic PWM to Power Saving Mode at Light Load
Fully Integrated 1 A Power Switch
3% Output Regulation Accuracy over Temperature,
Line, and Load
100% Duty Cycle Operation
Simple Compensation
Output Voltage: 1.25 V to 10.5 V
Small Inductor and MLC Capacitors
Low Quiescent Current while Pulse Skipping
Thermal Shutdown
Fully Integrated Soft Start
Cycle-by-cycle Current Limit
APPLICATONS
PDAs and Palmtop Computers
Notebook Computers
PCMCIA Cards
Bus Products
Portable Instruments
GENERAL DESCRIPTION
The ADP3088 is a high frequency, non-synchronous PWM
step-down DC-DC regulator with an integrated 1A power
switch in a space-saving MSOP8 package. It provides high
efficiency, excellent dynamic response, and is very simple
to use.
The ADP3088’s 1 MHz switching frequency allows for
small, inexpensive external components, and the current
mode control loop is simple to compensate and eases noise
filtering. It operates in PWM current mode under heavy
loads and saves energy at lighter loads by switching auto-
matically into Power Saving mode. Soft start is integrated
completely on chip, as is the cycle-by-cycle current limit.
Capable of operating from 2.5 V to 11 V input, it is ideal for
many applications, including portable, battery power appli-
cations, where local point-of-use power regulation is re-
quired. Supporting output voltages down to 1.25 V, the
ADP3088 is ideal to generate low voltage rails, providing
the optimal solution in its class for delivering power effi-
ciently, responsively, and simply with minimal printed cir-
cuit board area.
The device is specified over the industrial temperature
range of -40 °C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Typical Application
SW
DRV
FB
IN
GND
COMP
ADP3088
VOUT
1.8V
3.3
µH
10.0k
Ω
22.4k
Ω
20k
Ω
4.7pF
1N5817
IN
GND
VIN
3.3V
10µF
0.1µF
10µF
220pF
SW
FB
COMP
GND
IN
DRV
CURRENT
SENSE
AMP
PWM
COMPARATOR
REF
1.245V
ERROR
AMP
gm
SOFT-START
TIMER
+
R
SQ
RUN/STOP
COMPARATORS
1MHz
PROTECTION
LOGIC
(ILIM, OT)
IN
GND


Similar Part No. - ADP3088

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3088 AD-ADP3088 Datasheet
759Kb / 16P
1 MHz, 750 mA Buck Regulator
REV. C
ADP3088ARM-REEL AD-ADP3088ARM-REEL Datasheet
759Kb / 16P
1 MHz, 750 mA Buck Regulator
REV. C
ADP3088ARM-REEL7 AD-ADP3088ARM-REEL7 Datasheet
759Kb / 16P
1 MHz, 750 mA Buck Regulator
REV. C
ADP3088 AD-ADP3088_15 Datasheet
1Mb / 16P
1 MHz, 750 mA Buck Regulator
REV. C
More results

Similar Description - ADP3088

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3089 AD-ADP3089 Datasheet
103Kb / 4P
1 MHz, 1 A Buck Regulator
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
2.0 MHz, 500 mA Synchronous Buck Regulator
2007
logo
Analog Devices
ADP5022 AD-ADP5022 Datasheet
683Kb / 28P
Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
REV. A
logo
Fairchild Semiconductor
FAN53600 FAIRCHILD-FAN53600 Datasheet
1Mb / 16P
3 MHz, 600 mA / 1A Synchronous Buck Regulator
FAN53601 FAIRCHILD-FAN53601 Datasheet
996Kb / 14P
6 MHz 600 mA / 1 A Synchronous Buck Regulator
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
Analog Devices
ADP3088ARM-REEL7 AD-ADP3088ARM-REEL7 Datasheet
759Kb / 16P
1 MHz, 750 mA Buck Regulator
REV. C
ADP3088 AD-ADP3088_15 Datasheet
1Mb / 16P
1 MHz, 750 mA Buck Regulator
REV. C
logo
ON Semiconductor
FAN5361 ONSEMI-FAN5361 Datasheet
1Mb / 18P
6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com