Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC1G32CLE Datasheet (PDF) - Renesas Technology Corp

HD74LVC1G32CLE Datasheet PDF - Renesas Technology Corp
Part # HD74LVC1G32CLE
Download  HD74LVC1G32CLE Download
File Size   104.82 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-input OR Gate

HD74LVC1G32CLE Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LVC1G32CLE Datasheet PDF - Renesas Technology Corp

Part # HD74LVC1G32CLE
Download  HD74LVC1G32CLE Click to download

File Size   104.82 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-input OR Gate

HD74LVC1G32CLE Datasheet (HTML) - Renesas Technology Corp


HD74LVC1G32CLE Product details

Description
The HD74LVC1G32 has two–input OR gate in a 5-pin package. Low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.

Features
• The basic gate function is lined up as renesas uni logic series.
• Supply voltage range: 1.65 to 5.5 V
    Operating temperature range: –40 to +85°C
• All inputs: VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
    All outputs: VO (Max.) = 5.5 V (@VCC = 0 V)
• Output current:
    ±4 mA (@VCC = 1.65 V)
    ±8 mA (@VCC = 2.3 V)
    ±24 mA (@VCC = 3.0 V)
    ±32 mA (@VCC = 4.5 V)




Similar Part No. - HD74LVC1G32CLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC1G02 RENESAS-HD74LVC1G02 Datasheet
2Mb / 9P
2-input NOR Gate
HD74LVC1G02CLE RENESAS-HD74LVC1G02CLE Datasheet
2Mb / 9P
2-input NOR Gate
HD74LVC1G02CPE RENESAS-HD74LVC1G02CPE Datasheet
2Mb / 9P
2-input NOR Gate
HD74LVC1G04 RENESAS-HD74LVC1G04 Datasheet
106Kb / 9P
Inverter
HD74LVC1G04CLE RENESAS-HD74LVC1G04CLE Datasheet
106Kb / 9P
Inverter
More results


Similar Description - HD74LVC1G32CLE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
2-input OR gate
1999 Jan 27
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
2-input OR Gate
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
2-INPUT OR GATE
logo
First Silicon Co., Ltd
FC74VHC1G32 FS-FC74VHC1G32 Datasheet
399Kb / 4P
2-Input OR Gate
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com