Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9030D Datasheet (PDF) - Motorola, Inc

MRF9030D Datasheet PDF - Motorola, Inc
Part # MRF9030D
Download  MRF9030D Download
File Size   547.39 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs

MRF9030D Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF9030D Datasheet PDF - Motorola, Inc

Part # MRF9030D
Download  MRF9030D Click to download

File Size   547.39 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs

MRF9030D Datasheet (HTML) - Motorola, Inc


MRF9030D Product details

The RF Sub- Micron MOSFET Line RF Power Field Effect Transistors

N- Channel Enhancement - Mode Lateral MOSFETs



Designed for broadband commercial and industrial applications with frequencies up to 1.0 GHz. The high gain and broadband performance of these devices make them ideal for large- signal, common- source amplifier applications in 26 volt base station equipment.



• Typical Two- Tone Performance at 945 MHz, 26 Volts Output Power ó 30 Watts PEP

     Power Gain - 19 dB

     Efficiency - 41.5%

     IMD - -32.5 dBc

• Integrated ESD Protection

• Designed for Maximum Gain and Insertion Phase Flatness

• Capable of Handling 10:1 VSWR, @ 26 Vdc, 945 MHz, 30 Watts CW Output Power

• Excellent Thermal Stability

• Characterized with Series Equivalent Large- Signal Impedance Parameters

• In Tape and Reel. R1 Suffix = 500 Units per 32 mm, 13 inch Reel.

• Low Gold Plating Thickness on Leads. L Suffix Indicates 40µ″ Nominal.




Similar Part No. - MRF9030D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9030 MOTOROLA-MRF9030 Datasheet
404Kb / 12P
RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF9030 FREESCALE-MRF9030 Datasheet
356Kb / 10P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9030LR1 FREESCALE-MRF9030LR1 Datasheet
356Kb / 10P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9030LSR1 FREESCALE-MRF9030LSR1 Datasheet
353Kb / 10P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9030MBR1 FREESCALE-MRF9030MBR1 Datasheet
620Kb / 12P
The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs
More results


Similar Description - MRF9030D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5S19100HR3 MOTOROLA-MRF5S19100HR3 Datasheet
726Kb / 12P
The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF19030LR3 MOTOROLA-MRF19030LR3 Datasheet
594Kb / 8P
The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S21100LR3 MOTOROLA-MRF5S21100LR3 Datasheet
564Kb / 12P
The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRF9030MR1 FREESCALE-MRF9030MR1 Datasheet
620Kb / 12P
The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs
logo
Motorola, Inc
MRF9030MR1 MOTOROLA-MRF9030MR1 Datasheet
452Kb / 12P
The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF18030BR3 MOTOROLA-MRF18030BR3 Datasheet
275Kb / 8P
THE RF MOSFET LINE RF POWER FIELD EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE LATERAL MOSFETS
MRF9060MR1 MOTOROLA-MRF9060MR1 Datasheet
422Kb / 12P
The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs
MRF21120 MOTOROLA-MRF21120 Datasheet
401Kb / 8P
The RF Sub-Micron MOSFET Line RF Power Field Effect Trasistor N-Channel Enhancement-Mode Lateral MOSFET
MRF373 MOTOROLA-MRF373 Datasheet
217Kb / 12P
The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045M MOTOROLA-MRF9045M Datasheet
144Kb / 8P
The RF Sub-Micron MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com