Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF373 Datasheet (PDF) - Motorola, Inc

MRF373 Datasheet PDF - Motorola, Inc
Part # MRF373
Download  MRF373 Download
File Size   217.54 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs

MRF373 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF373 Datasheet PDF - Motorola, Inc

Part # MRF373
Download  MRF373 Click to download

File Size   217.54 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs

MRF373 Datasheet (HTML) - Motorola, Inc


MRF373 Product details

The RF MOSFET Line RF Power Field Effect Transistors

N-Channel Enhancement-Mode Lateral MOSFETs



Designed for broadband commercial and industrial applications at frequencies from 470 – 860 MHz. The high gain and broadband performance of this device makes it ideal for large–signal, common source amplifier applications in 28 volt transmitter equipment.



• Guaranteed CW Performance at 860 MHz, 28 Volts, Narrowband Fixture

   Output Power – 60 Watts

   Power Gain – 13 dB

   Efficiency – 50%

• Typical Performance at 860 MHz, 28 Volts, Broadband Push–Pull Fixture

   Output Power – 100 Watts (PEP)

   Power Gain – 11.2 dB

   Efficiency – 40%

   IMD – –30 dBc

• Excellent Thermal Stability

• 100% Tested for Load Mismatch Stress at All Phase Angles with 5:1 VSWR @ 28 Vdc, 860 MHz, 60 Watts CW



 




Similar Part No. - MRF373

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF373A MOTOROLA-MRF373A Datasheet
481Kb / 8P
RF Power Field Effect Transistors
logo
Freescale Semiconductor...
MRF373A FREESCALE-MRF373A Datasheet
372Kb / 10P
RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373ALR1 MOTOROLA-MRF373ALR1 Datasheet
481Kb / 8P
RF Power Field Effect Transistors
logo
Freescale Semiconductor...
MRF373ALR1 FREESCALE-MRF373ALR1 Datasheet
372Kb / 10P
RF Power Field Effect Transistors
MRF373ALR1 FREESCALE-MRF373ALR1_08 Datasheet
372Kb / 10P
RF Power Field Effect Transistors
More results


Similar Description - MRF373

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5S19100HR3 MOTOROLA-MRF5S19100HR3 Datasheet
726Kb / 12P
The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF19030LR3 MOTOROLA-MRF19030LR3 Datasheet
594Kb / 8P
The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S21100LR3 MOTOROLA-MRF5S21100LR3 Datasheet
564Kb / 12P
The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs
MRF1517T1 MOTOROLA-MRF1517T1 Datasheet
345Kb / 16P
The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS
logo
Freescale Semiconductor...
MRF9030MR1 FREESCALE-MRF9030MR1 Datasheet
620Kb / 12P
The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs
logo
Motorola, Inc
MRF9030MR1 MOTOROLA-MRF9030MR1 Datasheet
452Kb / 12P
The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF18030BR3 MOTOROLA-MRF18030BR3 Datasheet
275Kb / 8P
THE RF MOSFET LINE RF POWER FIELD EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE LATERAL MOSFETS
MRF9060MR1 MOTOROLA-MRF9060MR1 Datasheet
422Kb / 12P
The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs
MRF5S21130 MOTOROLA-MRF5S21130 Datasheet
404Kb / 12P
The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MRF18085A MOTOROLA-MRF18085A Datasheet
409Kb / 8P
The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com