Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF373A Datasheet (PDF) - Motorola, Inc

MRF373A Datasheet PDF - Motorola, Inc
Part # MRF373A
Download  MRF373A Download
File Size   481.32 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF Power Field Effect Transistors

MRF373A Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF373A Datasheet PDF - Motorola, Inc

Part # MRF373A
Download  MRF373A Click to download

File Size   481.32 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF Power Field Effect Transistors

MRF373A Datasheet (HTML) - Motorola, Inc


MRF373A Product details

The RF MOSFET Line

RF Power Field Effect Transistors

N- Channel Enhancement - Mode Lateral MOSFETs



Designed for broadband commercial and industrial applications with frequen cies from 470 to 860 MHz. The high gain and broadband performance of these devices make them ideal for large- signal, common source amplifier applications in 28/32 volt transmitter equipment.



• Typical CW Performance at 860 MHz, 32 Volts, Narrowband Fixture

   Output Power ó 75 Watts

   Power Gain ó 18.2 dB

   Efficiency ó 60%

• 100% Tested for Load Mismatch Stress at All Phase Angles with 10:1 VSWR @ 32 Vdc, 860 MHz, 75 Watts CW

• Integrated ESD Protection

• Excellent Thermal Stability

• Characterized with Series Equivalent Large- Signal Impedance Parameters

• In Tape and Reel. R1 = 500 units per 32 mm, 13 inch Reel.

• Low Gold Plating Thickness on Leads. L Suffix Indicates 40µ″ Nominal.

 




Similar Part No. - MRF373A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF373A FREESCALE-MRF373A Datasheet
372Kb / 10P
RF Power Field Effect Transistors
MRF373ALR1 FREESCALE-MRF373ALR1 Datasheet
372Kb / 10P
RF Power Field Effect Transistors
MRF373ALR1 FREESCALE-MRF373ALR1_08 Datasheet
372Kb / 10P
RF Power Field Effect Transistors
MRF373ALSR1 FREESCALE-MRF373ALSR1 Datasheet
372Kb / 10P
RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373AR1 MOTOROLA-MRF373AR1 Datasheet
336Kb / 8P
RF POWER FIELD EFFECT TRANSISTORS
More results


Similar Description - MRF373A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
RF Power Field Effect Transistors
MRF6S9060MR1 FREESCALE-MRF6S9060MR1 Datasheet
630Kb / 16P
RF Power Field Effect Transistors
MRF6S27050HR3 FREESCALE-MRF6S27050HR3 Datasheet
463Kb / 12P
RF Power Field Effect Transistors
MRF18060ALR3 FREESCALE-MRF18060ALR3 Datasheet
393Kb / 12P
RF Power Field Effect Transistors
MRF284LR1 FREESCALE-MRF284LR1 Datasheet
376Kb / 12P
RF Power Field Effect Transistors
MRF21010LR1 FREESCALE-MRF21010LR1_06 Datasheet
383Kb / 8P
RF Power Field Effect Transistors
MRF21125R3 FREESCALE-MRF21125R3 Datasheet
427Kb / 12P
RF Power Field Effect Transistors
MRF6V2300NBR1 FREESCALE-MRF6V2300NBR1 Datasheet
687Kb / 19P
RF Power Field Effect Transistors
MRF6V14300HR3 FREESCALE-MRF6V14300HR3 Datasheet
401Kb / 10P
RF Power Field Effect Transistors
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com