Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF284LR1 Datasheet (PDF) - Freescale Semiconductor, Inc

MRF284LR1 Datasheet PDF - Freescale Semiconductor, Inc
Part # MRF284LR1
Download  MRF284LR1 Download
File Size   376.13 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistors

MRF284LR1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF284LR1 Datasheet PDF - Freescale Semiconductor, Inc

Part # MRF284LR1
Download  MRF284LR1 Click to download

File Size   376.13 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistors

MRF284LR1 Datasheet (HTML) - Freescale Semiconductor, Inc


MRF284LR1 Product details

RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs

Designed for PCN and PCS base station applications with frequencies from 1000 to 2600 MHz. Suitable for FM, TDMA, CDMA, and multicarrier amplifier applications. To be used in Class A and Class AB for PCN-PCS/cellular radio and wireless local loop.

• Specified Two-Tone Performance @ 2000 MHz, 26 Volts
   Output Power = 30 Watts PEP
   Power Gain = 9 dB
   Efficiency = 30%
   Intermodulation Distortion = -29 dBc
• Typical Single-Tone Performance at 2000 MHz, 26 Volts
   Output Power = 30 Watts CW
   Power Gain = 9.5 dB
   Efficiency = 45%
• Capable of Handling 10:1 VSWR, @ 26 Vdc, 2000 MHz, 30 Watts CW Output Power

Features
• Excellent Thermal Stability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Low Gold Plating Thickness on Leads. L Suffix Indicates 40μ″ Nominal.
• RoHS Compliant
• In Tape and Reel. R1 Suffix = 500 Units per 32 mm, 13 inch Reel.




Similar Part No. - MRF284LR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF284 MOTOROLA-MRF284 Datasheet
134Kb / 12P
RF Power Field-Effect Transistors
logo
New Jersey Semi-Conduct...
MRF284 NJSEMI-MRF284 Datasheet
109Kb / 2P
RF Power Field Effect Transistors
logo
Motorola, Inc
MRF284S MOTOROLA-MRF284S Datasheet
134Kb / 12P
RF Power Field-Effect Transistors
logo
New Jersey Semi-Conduct...
MRF284S NJSEMI-MRF284S Datasheet
109Kb / 2P
RF Power Field Effect Transistors
More results


Similar Description - MRF284LR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
RF Power Field Effect Transistors
MRF6S9060MR1 FREESCALE-MRF6S9060MR1 Datasheet
630Kb / 16P
RF Power Field Effect Transistors
MRF6S27050HR3 FREESCALE-MRF6S27050HR3 Datasheet
463Kb / 12P
RF Power Field Effect Transistors
MRF18060ALR3 FREESCALE-MRF18060ALR3 Datasheet
393Kb / 12P
RF Power Field Effect Transistors
MRF21010LR1 FREESCALE-MRF21010LR1_06 Datasheet
383Kb / 8P
RF Power Field Effect Transistors
MRF21125R3 FREESCALE-MRF21125R3 Datasheet
427Kb / 12P
RF Power Field Effect Transistors
MRF6V2300NBR1 FREESCALE-MRF6V2300NBR1 Datasheet
687Kb / 19P
RF Power Field Effect Transistors
MRF6V14300HR3 FREESCALE-MRF6V14300HR3 Datasheet
401Kb / 10P
RF Power Field Effect Transistors
MRF7S18125BHR3 FREESCALE-MRF7S18125BHR3 Datasheet
476Kb / 14P
RF Power Field Effect Transistors
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com