Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF284LR1 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF284LR1
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF284LR1 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF284LR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
RF Device Data
Freescale Semiconductor
MRF284LR1 MRF284LSR1
Table 3. Electrical Characteristics (TC = 25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
On Characteristics
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 150 μAdc)
VGS(th)
2.0
3.0
4.0
Vdc
Gate Quiescent Voltage
(VDS = 26 Vdc, ID = 200 mAdc)
VGS(q)
3.0
4.0
5.0
Vdc
Drain-Source On-Voltage
(VGS = 10 Vdc, ID = 1.0 Adc)
VDS(on)
—
0.3
0.6
Vdc
Forward Transconductance
(VDS = 10 Vdc, ID = 1.0 Adc)
gfs
—
1.5
—
S
Dynamic Characteristics
Input Capacitance
(VDS = 26 Vdc, VGS = 0, f = 1.0 MHz)
Ciss
—
43
—
pF
Output Capacitance
(VDS = 26 Vdc, VGS = 0, f = 1.0 MHz)
Coss
—
23
—
pF
Reverse Transfer Capacitance
(VDS = 26 Vdc, VGS = 0, f = 1.0 MHz)
Crss
—
1.4
—
pF
Functional Tests (in Freescale Test Fixture, 50 ohm system)
Common-Source Power Gain
(VDD = 26 Vdc, Pout = 30 W, IDQ = 200 mA,
f1 = 2000.0 MHz, f2 = 2000.1 MHz)
Gps
9
10.5
—
dB
Drain Efficiency
(VDD = 26 Vdc, Pout = 30 W, IDQ = 200 mA,
f1 = 2000.0 MHz, f2 = 2000.1 MHz)
η
30
35
—
%
Intermodulation Distortion
(VDD = 26 Vdc, Pout = 30 W, IDQ = 200 mA,
f1 = 2000.0 MHz, f2 = 2000.1 MHz)
IMD
—
-32
-29
dBc
Input Return Loss
(VDD = 26 Vdc, Pout = 30 W, IDQ = 200 mA,
f1 = 2000.0 MHz, f2 = 2000.1 MHz)
IRL
—
-15
-9
dB
Common-Source Amplifier Power Gain
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 200 mA,
f1 = 1930.0 MHz, f2 = 1930.1 MHz)
Gps
9
10.4
—
dB
Drain Efficiency
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 200 mA,
f1 = 1930.0 MHz, f2 = 1930.1 MHz)
η
—
35
—
%
Intermodulation Distortion
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 200 mA,
f1 = 1930.0 MHz, f2 = 1930.1 MHz)
IMD
—
-34
—
dBc
Input Return Loss
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 200 mA,
f1 = 1930.0 MHz, f2 = 1930.1 MHz)
IRL
—
-15
-9
dB
Common-Source Amplifier Power Gain
(VDD = 26 Vdc, Pout = 30 W CW, IDQ = 200 mA,
f1 = 2000.0 MHz)
Gps
8.5
9.5
—
dB
Drain Efficiency
(VDD = 26 Vdc, Pout = 30 W CW, IDQ = 200 mA,
f1 = 2000.0 MHz)
η
35
45
—
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com