Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF284 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MRF284 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MRF284
Download  MRF284 Download
File Size   109.17 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description RF Power Field Effect Transistors

MRF284 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF284 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MRF284
Download  MRF284 Click to download

File Size   109.17 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description RF Power Field Effect Transistors

MRF284 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MRF284 Product details

The RF Sub-Micron MOSFET Line
RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs

Designed for PCN and PCS base station applications at frequencies from 1000 to 2600 MHz. Suitable for FM, TDMA, CDMA, and multicarrier amplifier applications. To be used in class A and class AB for PCN-PCS/cellular radio and wireless local loop.

• Specified Two-Tone Performance @2000 MHz, 26 Volts
   Output Power = 30 Watts (PEP)
   Power Gain = 10 dB
   Efficiency = 30%
   Intermodulation Distortion = -30 dBc
• Typical Single-Tone Performance at 2000 MHz, 26 Volts
   Output Power = 30 Watts (CW)
   Power Gain = 9 dB
   Efficiency = 45%
• Characterizedwith Series Equivalent Large-Signal Impedance Parameters
• S-Parameter Characterization at High Bias Levels
• ExcellentThermal Stability
• Capable of Handling 10:1 VSWR, @ 26 Vdc, 2000 MHz, 30 Watts (CW)Output Power
• Gold Metallization for Improved Reliability




Similar Part No. - MRF284

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF284 MOTOROLA-MRF284 Datasheet
134Kb / 12P
RF Power Field-Effect Transistors
logo
Freescale Semiconductor...
MRF284 FREESCALE-MRF284 Datasheet
376Kb / 12P
RF Power Field Effect Transistors
MRF284LR1 FREESCALE-MRF284LR1 Datasheet
376Kb / 12P
RF Power Field Effect Transistors
MRF284LSR1 FREESCALE-MRF284LSR1 Datasheet
376Kb / 12P
RF Power Field Effect Transistors
logo
Motorola, Inc
MRF284S MOTOROLA-MRF284S Datasheet
134Kb / 12P
RF Power Field-Effect Transistors
More results


Similar Description - MRF284

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
RF Power Field Effect Transistors
MRF6S9060MR1 FREESCALE-MRF6S9060MR1 Datasheet
630Kb / 16P
RF Power Field Effect Transistors
MRF6S27050HR3 FREESCALE-MRF6S27050HR3 Datasheet
463Kb / 12P
RF Power Field Effect Transistors
MRF18060ALR3 FREESCALE-MRF18060ALR3 Datasheet
393Kb / 12P
RF Power Field Effect Transistors
MRF284LR1 FREESCALE-MRF284LR1 Datasheet
376Kb / 12P
RF Power Field Effect Transistors
MRF21010LR1 FREESCALE-MRF21010LR1_06 Datasheet
383Kb / 8P
RF Power Field Effect Transistors
MRF21125R3 FREESCALE-MRF21125R3 Datasheet
427Kb / 12P
RF Power Field Effect Transistors
MRF6V2300NBR1 FREESCALE-MRF6V2300NBR1 Datasheet
687Kb / 19P
RF Power Field Effect Transistors
MRF6V14300HR3 FREESCALE-MRF6V14300HR3 Datasheet
401Kb / 10P
RF Power Field Effect Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com