Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX-PCEAC2-SMT Datasheet (PDF) - silex technology america, Inc.

SX-PCEAC2-SMT Datasheet PDF - silex technology america, Inc.
Part # SX-PCEAC2-SMT
Download  SX-PCEAC2-SMT Download
File Size   756.42 Kbytes
Page   1 Pages
Manufacturer  SILEX [silex technology america, Inc.]
Direct Link  https://www.silextechnology.com/
Logo SILEX - silex technology america, Inc.
Description 2x2 Dual Band 802.11ac WLAN Plus BT Combo Module

SX-PCEAC2-SMT Datasheet (PDF)

Go To PDF Page Download Datasheet
SX-PCEAC2-SMT Datasheet PDF - silex technology america, Inc.

Part # SX-PCEAC2-SMT
Download  SX-PCEAC2-SMT Click to download

File Size   756.42 Kbytes
Page   1 Pages
Manufacturer  SILEX [silex technology america, Inc.]
Direct Link  https://www.silextechnology.com/
Logo SILEX - silex technology america, Inc.
Description 2x2 Dual Band 802.11ac WLAN Plus BT Combo Module

SX-PCEAC2-SMT Datasheet (HTML) - silex technology america, Inc.




Similar Part No. - SX-PCEAC2-SMT

ManufacturerPart #DatasheetDescription
logo
silex technology americ...
SX-PCEAC-DB SILEX-SX-PCEAC-DB Datasheet
715Kb / 2P
Dual Band 802.11ac PCIe WLAN Module
REV A 20192903
More results


Similar Description - SX-PCEAC2-SMT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5824 RFMD-RF5824 Datasheet
39Kb / 2P
3.3V, DUAL-BAND WLAN POWER AMPLIFIER MODULE
logo
TriQuint Semiconductor
TQP6M9017 TRIQUINT-TQP6M9017_15 Datasheet
298Kb / 1P
802.11ac/a/b/g/n WLAN/BT High Performance Front-End Module
TQP887052 TRIQUINT-TQP887052_15 Datasheet
199Kb / 1P
802.11ac, 802.11n WLAN Front End Module
logo
Skyworks Solutions Inc.
SKY85812-11 SKYWORKS-SKY85812-11 Datasheet
176Kb / 2P
Dual-Band 802.11ac Front-End Module
logo
Compex Systems Pte. Lte...
WLE600VX COMPEX-WLE600VX Datasheet
895Kb / 5P
Dual Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE600V5-27ESD COMPEX-WLE600V5-27ESD Datasheet
1Mb / 5P
Single Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE600VX-I COMPEX-WLE600VX-I Datasheet
314Kb / 5P
Dual Band 2.4GHz/5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
logo
silex technology americ...
SX-PCEAC-DB SILEX-SX-PCEAC-DB Datasheet
715Kb / 2P
Dual Band 802.11ac PCIe WLAN Module
REV A 20192903
SX-SDMAC-PLUS SILEX-SX-SDMAC-PLUS Datasheet
2Mb / 2P
802.11ac Wi-Fi / BT Combo SDIO Module
REV D. 20200326
SX-SDMAC SILEX-SX-SDMAC Datasheet
2Mb / 2P
802.11ac Plus Bluetooth SDIO Module
REV E. 20200326
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com