Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX-PCEAC-DB Datasheet (PDF) - silex technology america, Inc.

SX-PCEAC-DB Datasheet PDF - silex technology america, Inc.
Part # SX-PCEAC-DB
Download  SX-PCEAC-DB Download
File Size   715.13 Kbytes
Page   2 Pages
Manufacturer  SILEX [silex technology america, Inc.]
Direct Link  https://www.silextechnology.com/
Logo SILEX - silex technology america, Inc.
Description Dual Band 802.11ac PCIe WLAN Module

SX-PCEAC-DB Datasheet (PDF)

Go To PDF Page Download Datasheet
SX-PCEAC-DB Datasheet PDF - silex technology america, Inc.

Part # SX-PCEAC-DB
Download  SX-PCEAC-DB Click to download

File Size   715.13 Kbytes
Page   2 Pages
Manufacturer  SILEX [silex technology america, Inc.]
Direct Link  https://www.silextechnology.com/
Logo SILEX - silex technology america, Inc.
Description Dual Band 802.11ac PCIe WLAN Module

SX-PCEAC-DB Datasheet (HTML) - silex technology america, Inc.


SX-PCEAC-DB Product details

The SX-PCEAC-DB is an 802.11ac compliant dual-band 3x3 PCIe
Mini Card. It is based on the the Qualcomm Atheros QCA9880
chipset, designed to deliver wireless data rates of up to 1.3Gbps.
The SX-PCEAC-DB supports 20/40/80MHz and 256-QAM to
maximize bandwidth eciency.
Unlike the other similar solutions, the design, manufacturing, and
tuning processes are strictly controlled in-house at the Silex
state-of-the-art ISO9001 facility in Japan. Each card is individually
tested and inspected to ensure the industry’s highest quality
resulting greater performance and reliability.
Typical Applications:
SX-PCEAC-DB card gives customers the ability to easily and reliably
support applications where this extra bandwidth and performance
is required, like deploying HD video over Wi-Fi.
Applications include commercial AP, routers, gateways, large-size
printers, video devices, medical devices etc.

Key Features:
• Max data transfer rate: 1.3Gbps (Theoretical value, at 11ac mode)
• PCI Express interface
• Qualcomm Atheros QCA9880 chipset
• IEEE 802.11ac(Wave1)/a/b/g/n
- Wide band 80MHz mode
- High density modulation mode (256QAM)
• 3x3 SU-MIMO enhances high speed and stability
• Silex Linux reference driver with IEEE802.11x EAP support
• Wireless standard
-IEEE 802.11ac/a/n/e/h/i
• EU directive RoHS certication
• Modular certication for FCC/IC, ETSI and MIC




Similar Part No. - SX-PCEAC-DB

ManufacturerPart #DatasheetDescription
logo
silex technology americ...
SX-PCEAC2 SILEX-SX-PCEAC2 Datasheet
756Kb / 1P
2x2 Dual Band 802.11ac WLAN Plus BT Combo Module
REV B. 20200120
SX-PCEAC2-HMC SILEX-SX-PCEAC2-HMC Datasheet
756Kb / 1P
2x2 Dual Band 802.11ac WLAN Plus BT Combo Module
REV B. 20200120
SX-PCEAC2-M2 SILEX-SX-PCEAC2-M2 Datasheet
756Kb / 1P
2x2 Dual Band 802.11ac WLAN Plus BT Combo Module
REV B. 20200120
SX-PCEAC2-SMT SILEX-SX-PCEAC2-SMT Datasheet
756Kb / 1P
2x2 Dual Band 802.11ac WLAN Plus BT Combo Module
REV B. 20200120
More results


Similar Description - SX-PCEAC-DB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP887052 TRIQUINT-TQP887052_15 Datasheet
199Kb / 1P
802.11ac, 802.11n WLAN Front End Module
logo
Skyworks Solutions Inc.
SKY85812-11 SKYWORKS-SKY85812-11 Datasheet
176Kb / 2P
Dual-Band 802.11ac Front-End Module
logo
Compex Systems Pte. Lte...
WLE600VX COMPEX-WLE600VX Datasheet
895Kb / 5P
Dual Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE900VX COMPEX-WLE900VX Datasheet
947Kb / 5P
Dual Band 2.4 & 5 GHz 3x3 MIMO 802.11ac Mini PCIe WiFi Module
WLE600VX-I COMPEX-WLE600VX-I Datasheet
314Kb / 5P
Dual Band 2.4GHz/5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE900V5-27ESD COMPEX-WLE900V5-27ESD Datasheet
1Mb / 5P
Dual Band 2.4 & 5 GHz 3x3 MIMO 802.11ac Mini PCIe WiFi Module
WLE900VX-I COMPEX-WLE900VX-I Datasheet
340Kb / 5P
Dual Band 2.4 & 5 GHz 3x3 MIMO 802.11ac Mini PCIe WiFi Module
WLE1216VX COMPEX-WLE1216VX Datasheet
635Kb / 5P
Dual Band 4x4 802.11ac Wave 2 Mini PCIe WiFi Module
WLE1216VX-I COMPEX-WLE1216VX-I Datasheet
632Kb / 5P
Dual Band 4x4 802.11ac Wave 2 Mini PCIe WiFi Module
logo
silex technology americ...
SX-PCEAC2 SILEX-SX-PCEAC2 Datasheet
756Kb / 1P
2x2 Dual Band 802.11ac WLAN Plus BT Combo Module
REV B. 20200120
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com