Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4818 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4818 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4818
Download  AO4818 Download
File Size   204.73 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Dual N-Channel Enhancement Mode Field Effect Transistor

AO4818 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4818 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4818
Download  AO4818 Click to download

File Size   204.73 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Dual N-Channel Enhancement Mode Field Effect Transistor

AO4818 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4818 Product details

General Description
The AO4818 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. This device is suitable for use as a load switch or in PWM applications. Standard Product AO4818 is Pb-free (meets ROHS & Sony 259 specifications). AO4818L is a Green Product ordering option. AO4818 and AO4818L are electrically identical.

Features
    VDS (V) = 30V
    ID = 8.5A (VGS = 10V)
    RDS(ON) < 19mΩ (VGS = 10V)
    RDS(ON) < 28mΩ (VGS = 4.5V)




Similar Part No. - AO4818

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4818 AOSMD-AO4818 Datasheet
212Kb / 6P
30V Dual N-channel MOSFET
logo
Guangdong Kexin Industr...
AO4818 KEXIN-AO4818 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4818 VBSEMI-AO4818 Datasheet
1Mb / 9P
Dual N-Channel 30 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4818-HF KEXIN-AO4818-HF Datasheet
1Mb / 5P
Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4818B AOSMD-AO4818B Datasheet
304Kb / 6P
30V Dual N-channel MOSFET
More results


Similar Description - AO4818

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com