Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4818B Datasheet (PDF) - Alpha & Omega Semiconductors

AO4818B Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4818B
Download  AO4818B Download
File Size   304.87 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V Dual N-channel MOSFET

AO4818B Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4818B Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4818B
Download  AO4818B Click to download

File Size   304.87 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V Dual N-channel MOSFET

AO4818B Datasheet (HTML) - Alpha & Omega Semiconductors


AO4818B Product details

General Description
The AO4818B uses advanced trench technology to provide excellent RDS(ON) and low gate charge. This device is suitable for use as a load switch or in PWM applications.

Product Summary
    VDS                                      30V
    ID (at VGS=10V)                   8A
    RDS(ON) (at VGS=10V)     <19mΩ
    RDS(ON) (at VGS = 4.5V)  < 26mΩ

    ESD Protected
    100% UIS Tested
    100% Rg Tested




Similar Part No. - AO4818B

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4818B KEXIN-AO4818B Datasheet
2Mb / 5P
Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4818B VBSEMI-AO4818B Datasheet
1Mb / 9P
Dual N-Channel 30 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4818B-HF KEXIN-AO4818B-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
More results


Similar Description - AO4818B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4854 AOSMD-AO4854 Datasheet
206Kb / 6P
30V Dual N-channel MOSFET
AO4800B AOSMD-AO4800B_11 Datasheet
575Kb / 6P
30V Dual N-Channel MOSFET
AO4812 AOSMD-AO4812_11 Datasheet
261Kb / 5P
30V Dual N-Channel MOSFET
AO4818 AOSMD-AO4818_11 Datasheet
212Kb / 6P
30V Dual N-channel MOSFET
AO4948 AOSMD-AO4948 Datasheet
620Kb / 8P
30V Dual N-Channel MOSFET
AO6810 AOSMD-AO6810_11 Datasheet
523Kb / 5P
30V Dual N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4416D TSC-TSM4416D_12 Datasheet
222Kb / 6P
30V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF3620 GOOD-ARK-SSF3620 Datasheet
780Kb / 6P
30V Dual N-Channel MOSFET
logo
Guangdong Youtai Semico...
FDS8978 UMW-FDS8978 Datasheet
450Kb / 7P
30V Dual N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com