Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4854 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4854 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4854
Download  AO4854 Download
File Size   206.5 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V Dual N-channel MOSFET

AO4854 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4854 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4854
Download  AO4854 Click to download

File Size   206.5 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V Dual N-channel MOSFET

AO4854 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4854 Product details

General Description

The AO4854 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. The two MOSFETs make a compact and efficient switch and synchronous rectifier combination for use in DC-DC converters.



Product Summary

VDS                               30V

ID (at VGS=10V)                   8A

RDS(ON) (at VGS=10V)              <19mΩ

RDS(ON) (at VGS = 4.5V)           < 23mΩ

RDS(ON) (at VGS = 4V)             < 26mΩ

ESD Protected

100% UIS Tested

100% Rg Tested



 




Similar Part No. - AO4854

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4854 KEXIN-AO4854 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4854 VBSEMI-AO4854 Datasheet
1Mb / 9P
Dual N-Channel 30 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4854-HF KEXIN-AO4854-HF Datasheet
1Mb / 5P
Dual N-Channel MOSFET
More results


Similar Description - AO4854

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4800B AOSMD-AO4800B_11 Datasheet
575Kb / 6P
30V Dual N-Channel MOSFET
AO4812 AOSMD-AO4812_11 Datasheet
261Kb / 5P
30V Dual N-Channel MOSFET
AO4818 AOSMD-AO4818_11 Datasheet
212Kb / 6P
30V Dual N-channel MOSFET
AO4818B AOSMD-AO4818B Datasheet
304Kb / 6P
30V Dual N-channel MOSFET
AO4948 AOSMD-AO4948 Datasheet
620Kb / 8P
30V Dual N-Channel MOSFET
AO6810 AOSMD-AO6810_11 Datasheet
523Kb / 5P
30V Dual N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4416D TSC-TSM4416D_12 Datasheet
222Kb / 6P
30V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF3620 GOOD-ARK-SSF3620 Datasheet
780Kb / 6P
30V Dual N-Channel MOSFET
logo
Guangdong Youtai Semico...
FDS8978 UMW-FDS8978 Datasheet
450Kb / 7P
30V Dual N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com