Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4948 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4948 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4948
Download  AO4948 Download
File Size   620.78 Kbytes
Page   8 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V Dual N-Channel MOSFET

AO4948 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4948 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4948
Download  AO4948 Click to download

File Size   620.78 Kbytes
Page   8 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V Dual N-Channel MOSFET

AO4948 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4948 Product details

General Description
The AO4948 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. The two MOSFETs make a compact and efficient switch and synchronous rectifier combination for use in DC-DC converters. A monolithically integrated Schottky diode in parallel with the synchronous MOSFET to boost efficiency further.

Features
    FET1(N-Channel)                         FET2(N-Channel)
    VDS= 30V                                     30V
    ID= 8.8A (VGS=10V)                    8A (VGS=10V)
    RDS(ON)                                      RDS(ON)
    < 16mΩ (VGS=10V)                     < 19mΩ (VGS=10V)
    < 22mΩ (VGS=4.5V)                    < 28mΩ (VGS=4.5V)

                                                           ESD Protected
    100% UIS Tested                         100% UIS Tested
    100% Rg Tested                           100% Rg Tested




Similar Part No. - AO4948

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4948 KEXIN-AO4948 Datasheet
4Mb / 7P
Dual N-Channel MOSFET
More results


Similar Description - AO4948

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4854 AOSMD-AO4854 Datasheet
206Kb / 6P
30V Dual N-channel MOSFET
AO4800B AOSMD-AO4800B_11 Datasheet
575Kb / 6P
30V Dual N-Channel MOSFET
AO4812 AOSMD-AO4812_11 Datasheet
261Kb / 5P
30V Dual N-Channel MOSFET
AO4818 AOSMD-AO4818_11 Datasheet
212Kb / 6P
30V Dual N-channel MOSFET
AO4818B AOSMD-AO4818B Datasheet
304Kb / 6P
30V Dual N-channel MOSFET
AO6810 AOSMD-AO6810_11 Datasheet
523Kb / 5P
30V Dual N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4416D TSC-TSM4416D_12 Datasheet
222Kb / 6P
30V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF3620 GOOD-ARK-SSF3620 Datasheet
780Kb / 6P
30V Dual N-Channel MOSFET
logo
Guangdong Youtai Semico...
FDS8978 UMW-FDS8978 Datasheet
450Kb / 7P
30V Dual N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com