Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4918 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4918 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4918
Download  AO4918 Download
File Size   151.84 Kbytes
Page   8 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor

AO4918 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4918 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4918
Download  AO4918 Click to download

File Size   151.84 Kbytes
Page   8 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor

AO4918 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4918 Product details

General Description
The AO4918 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. The two MOSFETs make a compact and efficient switch and synchronous rectifier combination for use in DC-DC converters. A Schottky diode is co-packaged in parallel with the synchronous MOSFET to boost efficiency further Standard Product AO4918 is Pb-free (meets ROHS & Sony 259 specifications). AO4918L is a Green Product ordering option. AO4918 and AO4918L are electrically identical.

Features
    Q1                                         Q2
    VDS (V) = 30V                       VDS(V) = 30V
    ID = 9.3A (VGS = 10V)          ID=8.3A (VGS = 10V
    RDS(ON) < 14.5mΩ               <18mΩ (VGS = 10V)
    RDS(ON) < 16mΩ                 <27mΩ (VGS = 4.5V)

SCHOTTKY
    VDS (V) = 30V, IF = 3A, VF<0.5V@1A




Similar Part No. - AO4918

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4918 KEXIN-AO4918 Datasheet
2Mb / 7P
Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4918A AOSMD-AO4918A Datasheet
151Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4918AL AOSMD-AO4918AL Datasheet
151Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - AO4918

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4912 AOSMD-AO4912 Datasheet
152Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4918A AOSMD-AO4918A Datasheet
151Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4F800 AOSMD-AO4F800 Datasheet
141Kb / 7P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4924 AOSMD-AO4924 Datasheet
162Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4932 AOSMD-AO4932 Datasheet
153Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4922 AOSMD-AO4922 Datasheet
165Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4930 AOSMD-AO4930 Datasheet
697Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4926 AOSMD-AO4926 Datasheet
246Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4928 AOSMD-AO4928 Datasheet
160Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4940 AOSMD-AO4940 Datasheet
498Kb / 6P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com